Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5110-3M Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5110-3M
Description  Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5110-3M Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM5110-3M Datasheet HTML 2Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 3Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 4Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 5Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 6Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 7Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 8Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 9Page - National Semiconductor (TI) LM5110-3M Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics (Continued)
T
J = −40˚C to +125˚C, VCC = 12V, VEE = IN_REF = 0V, nSHDN = VCC, No Load on OUT_A or OUT_B, unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS
td1
Propagation Delay Time Low to
High, IN rising (IN to OUT)
C
LOAD = 2 nF, see Figure
1
25
40
ns
td2
Propagation Delay Time High to
Low, IN falling (IN to OUT)
C
LOAD = 2 nF, see Figure
1
25
40
ns
t
r
Rise Time
C
LOAD = 2.0 nF, see Figure
1
14
25
ns
t
f
Fall Time
C
LOAD = 2 nF, see Figure
1
12
25
ns
LATCHUP PROTECTION
AEC - Q100, Method 004
T
J = 150˚C
500
mA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Timing Waveforms
20079205
(a)
20079206
(b)
FIGURE 1. (a) Inverting, (b) Non-Inverting
www.national.com
6


Similar Part No. - LM5110-3M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5110-3M TI-LM5110-3M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-3M/NOPB TI-LM5110-3M/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-3MX TI-LM5110-3MX Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-3MX/NOPB TI-LM5110-3MX/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-3M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com