Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2717RB1 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2717RB1
Description  SINGLE SUPPLY HI-SLEW RATE DUAL OPERATIONAL AMPLIFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2717RB1 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM2717RB1 Datasheet HTML 2Page - New Japan Radio NJM2717RB1 Datasheet HTML 3Page - New Japan Radio NJM2717RB1 Datasheet HTML 4Page - New Japan Radio NJM2717RB1 Datasheet HTML 5Page - New Japan Radio NJM2717RB1 Datasheet HTML 6Page - New Japan Radio NJM2717RB1 Datasheet HTML 7Page - New Japan Radio NJM2717RB1 Datasheet HTML 8Page - New Japan Radio NJM2717RB1 Datasheet HTML 9Page - New Japan Radio NJM2717RB1 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJM2717
- 6 -
Ver.2005-01-26
■ Typical Characteristics
Input Offset Voltage
vs. Input Common Mode Vltage
(Ambient Temperature)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-0.5
00.5
11.5
2
Input Common Mode Voltage [V]
V+/V-=±1.35V
Ta=-40oC
Ta=+25
oC
Ta=+85oC
Input Offset Voltage
vs. Input Common Mode Voltage
(Ambient Temperature)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-0.5
0.5
1.5
2.5
3.5
4.5
Input Common Mode Voltage [V]
Ta=-40oC
V
+/V-=±2.5V
Ta=+25oC
Ta=+85
oC
Input Offset Voltage
vs. Input Common Mode Voltage Range
(Ambient Temperature)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-1
135
79
11
Input Common Mode Voltage [V]
Ta=-40
oC
V
+/V-=±6.0V
Ta=+25oC
Ta=+85
oC
Input Bias Current
vs. Input Common Mode Voltage
(Ambient Temperature)
-3
-2
-1
0
1
2
3
4
5
6
7
-0.5
00.5
11.5
2
Input Common Mode Voltage [V]
Ta=-40
oC
V
+/V-=±1.35V
Ta=+25
oC
Ta=+85oC
Input Bias Current
vs. Input Common Mode Voltage
(Ambient Temperature)
-3
-2
-1
0
1
2
3
4
5
6
7
-0.5
0.5
1.5
2.5
3.5
4.5
Input Common Mode Voltage [V]
Ta=-40oC
V+/V-=±2.5V
Ta=+25oC
Ta=+85
oC
Input Bias Current
vs. Input Common Mode Voltage
(Ambient Temperature)
-3
-2
-1
0
1
2
3
4
5
6
7
-1
135
79
11
Input Common Mode Voltage [V]
Ta=-40
oC
V
+/V-=±6.0V
Ta=+25oC
Ta=+85
oC


Similar Part No. - NJM2717RB1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2710M NJRC-NJM2710M Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2710V NJRC-NJM2710V Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711F NJRC-NJM2711F Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - NJM2717RB1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2716 NJRC-NJM2716 Datasheet
144Kb / 5P
   SINGLE SUPPLY HI-SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com