Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C162244 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C162244
Description  16-Bit BusSwitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C162244 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C162244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C162244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C162244 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PI5C16244/162244
16-BIT BUS SWITCH BUFFER
123
PS7024B 09/17/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ........... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ....... –0.5V to +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%)
Parameters Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
µA
IOZH
High Impedance Output Current
0
≤ A, B ≤ VCC
——
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current(3)
A (B) = 0V, B (A) = VCC
100
mA
VH
Input Hysteresis at Control Pins
150
mV
RON
Switch On Resistance(4)
VCC = Min., VIN = 0.0V,
16244
5
7
ION = 48 mA
162244
20
28
40
VCC = Min., VIN = 2.4V,
16244
10
15
ION = 15 mA
162244
20
35
48
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
6
pF
CON
A/B Capacitance, Switch On
VIN = 0V
8
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the
lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.


Similar Part No. - PI5C162244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C162292 PERICOM-PI5C162292 Datasheet
73Kb / 4P
   PI5C162292 (25W)
More results

Similar Description - PI5C162244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32X245 PERICOM-PI5C32X245 Datasheet
348Kb / 4P
   16-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI5C34X383 PERICOM-PI5C34X383 Datasheet
57Kb / 5P
   32-Bit BusSwitch/Exchange
PI5C16233C PERICOM-PI5C16233C Datasheet
220Kb / 3P
   16-Bit to 32-Bit Mux/Demux BusSwitch with Undershoot Protection
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
   3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI5C32X2245 PERICOM-PI5C32X2245 Datasheet
119Kb / 3P
   16-Bit, 2-Port BusSwitch with 25 ohm Series Resistor
PI5C3384 PERICOM-PI5C3384 Datasheet
55Kb / 4P
   10-Bit, 2-Port BusSwitch
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
   10-Bit, 2-Port BusSwitch
PI3B16292 PERICOM-PI3B16292 Datasheet
125Kb / 4P
   3.3Volt, 24-Bit Mux/Demux BusSwitch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com