Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMBA19500A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RMBA19500A
Description  PCS1900 2 Watt GaAs MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMBA19500A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RMBA19500A Datasheet HTML 1Page - Fairchild Semiconductor RMBA19500A Datasheet HTML 2Page - Fairchild Semiconductor RMBA19500A Datasheet HTML 3Page - Fairchild Semiconductor RMBA19500A Datasheet HTML 4Page - Fairchild Semiconductor RMBA19500A Datasheet HTML 5Page - Fairchild Semiconductor RMBA19500A Datasheet HTML 6Page - Fairchild Semiconductor RMBA19500A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
RMBA19500A Rev. C
Application Information
CAUTION: THIS IS AN ESD SENSITIVE DEVICE
The following describes a procedure for evaluating the RMBA19500A, a monolithic high efficiency power amplifier, in a
surface mount package, designed for use as a driver stage for PCS1900 Base station or as the final output stage for Micro-
and Pico-Cell base stations. Figure 1 shows the package outline and the pin designations. Figure 2 shows the functional
block diagram of the packaged product. The RMBA19500A requires external passive components for DC bias and RF input
and output matching circuits as shown in Figure 3 and the Parts List. A recommended schematic circuit is shown in Figure
3. The gate biases for the three stages of the amplifier may be set by simple resistive voltage dividers. Figure 4 shows a
typical layout of an evaluation board, corresponding to the schematic circuits of Figure 3. The following designations should
be noted:
(1) Pin designations are as shown in Figure 2.
(2) Vg1, Vg2, and Vg3 are the Gate Voltages (negative) applied at the pins of the package.
(3) Vgg1, 2, and Vgg3 are the negative supply voltages at the evaluation board terminals (Vg1 and Vg2 are tied together).
(4) Vd1, Vd2, and Vd3 are the Drain Voltages (positive) applied at the pins of the package.
(5) Vdd is the positive supply voltage at the evaluation board terminal (Vd1, Vd2, and Vd3 are tied together).
Note: The base of the package must be soldered on to a heat sink for proper operation.
Figure 1. Package Outline and Pin Designations
65
0.200 SQ.
0.011
RMBA19500A
0.030
0.020
0.015
4
45
Bottom View
Top View
Plastic Lid
Side Section
6
12 11 10
7
8
9
3
2
1
10
3
2
1
7
8
9
11 12
0.041
0.075 MAX
0.010
Dimensions in inches
0.282
0.246
0.230
Pin
Description
1
RF Out & Vd3
2
RF Out & Vd3
3
RF Out & Vd3
4
VD1
5
GND
6
VG1
7
RF In
8
GND
9
VG2
10
VD2
11
GND
12
VG3
13
GND


Similar Part No. - RMBA19500A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
   PCS 2 Watt Linear GaAs MMIC Power Amplifier
RMBA19500-TB FAIRCHILD-RMBA19500-TB Datasheet
93Kb / 7P
   PCS 2 Watt Linear GaAs MMIC Power Amplifier
More results

Similar Description - RMBA19500A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC906A AD-HMC906A Datasheet
594Kb / 12P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7357LP5GE AD-HMC7357LP5GE Datasheet
659Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7441 AD-HMC7441 Datasheet
550Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com