Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5005MHX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5005MHX
Description  High Voltage 2.5 Amp Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5005MHX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5005MHX Datasheet HTML 7Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 8Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 9Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 10Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 11Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 12Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 13Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 14Page - National Semiconductor (TI) LM5005MHX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Shutdown / Standby
The LM5005 contains a dual level Shutdown (SD) circuit.
When the SD pin voltage is below 0.7V, the regulator is in a
low current shutdown mode. When the SD pin voltage is
greater than 0.7V but less than 1.225V, the regulator is in
standby mode. In standby mode the Vcc regulator is active
but the output switch is disabled. When the SD pin voltage
exceeds 1.225V, the output switch is enabled and normal
operation begins. An internal 5µA pull-up current source
configures the regulator to be fully operational if the SD pin is
left open.
An external set-point voltage divider from Vin to GND can be
used to set the operational input range of the regulator. The
divider must be designed such that the voltage at the SD pin
will be greater than 1.225V when Vin is in the desired
operating range. The internal 5µA pull-up current source
must be included in calculations of the external set-point
divider. Hysteresis of 0.1V is included for both the shutdown
and standby thresholds. The voltage at the SD pin should
never exceed 8V. When using an external set-point divider, it
may be necessary to clamp the SD pin to limit its voltage at
high input voltage conditions.
The SD pin can also be used to implement various remote
enable / disable functions. Pulling the UVLO pin below the
0.7V threshold totally disables the controller. If the SD pin
voltage is above 1.225V the regulator will be operational.
Oscillator and Sync Capability
The LM5005 oscillator frequency is set by a single external
resistor connected between the RT pin and the AGND pin.
The R
T resistor should be located very close to the device
and connected directly to the pins of the IC (RT and
AGND).To set a desired oscillator frequency (F), the neces-
sary value for the R
T resistor can be calculated from the
following equation:
The SYNC pin can be used to synchronize the internal
oscillator to an external clock. The external clock must be of
higher frequency than the free-running frequency set by
the R
T resistor. A clock circuit with an open drain output is the
recommended interface from the external clock to the SYNC
pin. The clock pulse duration should be greater than 15 ns.
Multiple LM5005 devices can be synchronized together sim-
ply by connecting the SYNC pins together. In this configura-
tion all of the devices will be synchronized to the highest
frequency device. The diagram in Figure 5 illustrates the
SYNC input/output features of the LM5005. The internal
oscillator circuit drives the SYNC pin with a strong pull-down
/ weak pull-up inverter. When the SYNC pin is pulled low
either by the internal oscillator or an external clock, the ramp
cycle of the oscillator is terminated and a new oscillator cycle
begins. Thus, if the SYNC pins of several LM5005 IC’s are
connected together, the IC with the highest internal clock
frequency will pull the connected SYNC pins low first and
terminate the oscillator ramp cycles of the other IC’s. The
LM5005 with the highest programmed clock frequency will
serve as the master and control the switching frequency of
the all the devices with lower oscillator frequency.
20161905
FIGURE 3. Sync from External Clock
20161906
FIGURE 4. Sync from Multiple Devices
www.national.com
11


Similar Part No. - LM5005MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX/NOPB TI1-LM5005MHX/NOPB Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
More results

Similar Description - LM5005MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5005 TI1-LM5005_14 Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MHX TI-LM5005MHX Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
logo
ON Semiconductor
FAN53741 ONSEMI-FAN53741 Datasheet
407Kb / 18P
   Synchronous Buck Regulator, 2.5 MHz
April, 2021 ??Rev. 4
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
89Kb / 12P
   Synchronous Buck Regulator with 1.0 Amp Switch
September, 2003 ??Rev. 10
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
   Bidirectional Buck-Boost Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com