Electronic Components Datasheet Search |
|
PT6323G Datasheet(PDF) 5 Page - Texas Instruments |
|
PT6323G Datasheet(HTML) 5 Page - Texas Instruments |
5 / 7 page For assistance or to order, call (800) 531-5782 5 Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com Application Notes PT6100/6120/6210/6220/6300/6320 Series More Application Notes Using the Inhibit Function on Power Trends’ Wide Input Range Bus ISRs For applications requiring output voltage On/Off control, the 12pin ISR products incorporate an inhibit function. The func- tion has uses in areas such as battery conservation, power-up sequencing, or any other application where the regulated output from the module is required to be switched off. The On/Off function is provided by the Inhibit control, pin 1. The ISR functions normally with pin 1 open-circuit, providing a regulated output whenever a valid source voltage is applied to Vin, (pins 2, 3, & 4). When a low-level2 ground signal is applied to pin 1 the regulator output is disabled, and the input current to the ISR is reduced to about 100 µA 3/. Figure 1 shows an application schematic, which details the typi- cal use of the inhibit function. Note the discrete transistor, Q1. The inhibit control has its own internal pull-up with a maximum open-circuit voltage of 8.3VDC. Only devices with a true open- collector or open-drain output can be used to control this pin. A discrete bipolar transistor or MOSFET is recommended. Notes: 1. The inhibit control logic is similar for all Power Trends’ modules, but the flexibility and threshold tolerances will be different. For specific information on the inhibit function of other ISR models, consult the applicable application note. 2. Use only a true open-collector device (preferably a discrete transistor) for the inhibit input. Do Not use a pull-up resis- tor, or drive the input directly from the output of a TTL or other logic gate. To disable the output voltage, the control pin should be pulled low to less than +1.5VDC. 3. The following equation may be used to determine the ap- proximate current drawn from the input supply at Vin, and through Q1 when the inhibit is active. Istby = Vin ÷ 155kΩ ± 20% 4. When the inhibit control pin is active, i.e. pulled low, the maximum input voltage is limited to +30Vdc. 5. Do not control the inhibit input with an external DC volt- age. This will lead to erratic operation of the ISR and may over-stress the regulator. 6. Avoid capacitance greater than 500pF at the Inhibit control pin. Excessive capacitance at this pin will cause the ISR to produce a pulse on the output voltage bus at turn-on. 7. Keep the On/Off transition to less than 10 µs. This prevents erratic operation of the ISR, which can cause a momentary high output voltage. C2 100 µF + C1, 1 µF (Optional) V out COM V in COM Inh Q1 2N7002 PT6100/6210/6300 9,10,11 12 5,6,7,8 2,3,4 Vin Vo G N D Vo(adj) 1 Inh Figure 1 Turn-On Time: The output of the ISR is enabled automatically when external power is applied to the input. The Inhibit control pin is pulled high by its internal pull-up resistor. The ISR pro- duces a fully regulated output voltage within 1-msec of either the release of the Inhibit control pin, or the application of power. The actual turn-on time will vary with the input voltage, output load, and the total amount of capacitance connected to the out- put Using the circuit of Figure 1, Figure 2 shows the typical rise in output voltage for the PT6101 following the turn-off of Q1 at time t =0. The waveform was measured with a 9Vdc input volt- age, and 5-Ohm resistive load. Figure 2 0 1 2 3 4 5 6 -0.2 0 0.2 0.4 0.6 0.8 1 t (milli-secs) |
Similar Part No. - PT6323G |
|
Similar Description - PT6323G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |