Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6323R Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6323R
Description  3 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6323R Datasheet(HTML) 2 Page - Texas Instruments

  PT6323R Datasheet HTML 1Page - Texas Instruments PT6323R Datasheet HTML 2Page - Texas Instruments PT6323R Datasheet HTML 3Page - Texas Instruments PT6323R Datasheet HTML 4Page - Texas Instruments PT6323R Datasheet HTML 5Page - Texas Instruments PT6323R Datasheet HTML 6Page - Texas Instruments PT6323R Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555
(800) 531-5782
Fax: (630) 393-6902 http://www.ti.com/powertrends
9
CHARACTERISTIC
DA T A
0
0.5
1
1.5
2
2.5
3
9
111315
171921232527
0
0.5
1
1.5
2
2.5
3
9
1317
2125293337
PT6323, 3.3 VDC
(See Note 1)
PT6322, 5.0 VDC
(See Note 1)
Efficiency vs Output Current
Thermal Derating (Ta)
(See Note 2)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
00.5
11.5
22.5
3
9.0V
12.0V
15.0V
20.0V
26.0V
Vin
40
50
60
70
80
90
100
00.5
11.522.5
3
9.0V
12.0V
15.0V
24.0V
30.0V
38.0V
Vin
0
20
40
60
80
100
120
140
160
00.5
1
1.522.5
3
26.0V
20.0V
15.0V
12.0V
9.0V
V
Vin
0
20
40
60
80
100
120
140
160
180
00.511.522.5
3
38.0V
30.0V
24.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
26.0V
20.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
0
0.511.5
22.5
3
38.0V
30.0V
24.0V
15.0V
12.0V
9.0V
Vin
70°C
50°C
Note 1:
All data listed in the above graphs except for derating data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application note.)
60°C
85°C
70°C
PT6320
Series
85°C
60°C
Thermal Derating (Ta)
(See Note 2)
Ripple vs Output Current
Ripple vs Output Current
Efficiency vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current


Similar Part No. - PT6323R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6321 PTC-PT6321 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6321-LQ PTC-PT6321-LQ Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
   VFD Driver/Controller IC
PT6324 PTC-PT6324 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
More results

Similar Description - PT6323R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PT6314 TI-PT6314 Datasheet
166Kb / 6P
[Old version datasheet]   3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com