Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW30N60HS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SKW30N60HS
Description  HIGH SPEED IGBT IN NPT-TECHNOLOGY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW30N60HS Datasheet(HTML) 3 Page - Infineon Technologies AG

  SKW30N60HS Datasheet HTML 1Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 2Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 3Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 4Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 5Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 6Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 7Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 8Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SKW30N60HS
^
Power Semiconductors
3
Rev. 2 Aug-02
Dynamic Characteristic
Input capacitance
C iss
-
1500
Output capacitance
C os s
-
203
Reverse transfer capacitance
C rs s
VCE =25V,
VGE =0V,
f
=1MHz
-92
pF
Gate charge
Q Gat e
VCC =480V, I C =30A
VGE =15V
-
141
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
TO-247AC
-
13
nH
Short circuit collector current
1)
I C( SC )
VGE =15V,t SC≤ 10 µs
VCC ≤ 600V,
T j ≤ 15 0° C
-
220
A
Switching Characteristic, Inductive Load,
at Tj=25 °C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
t d( o n)
-20
Rise time
t r
-21
Turn-off delay time
t d( of f)
-
250
Fall time
t f
-25
ns
Turn-on energy
Eon
-0.60
Turn-off energy
Eoff
-0.55
Total switching energy
Ets
T j =2 5 °C,
VCC =400V, IC =30A,
VGE =0/15V,
R G =11 Ω
L σ
2)
=60nH,
C σ
2) =40pF
Energy losses include
“tail” and diode
reverse recovery.
-1.15
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
t S
t F
-
-
-
125
20
105
ns
Diode reverse recovery charge
Q rr
-0.82
µC
Diode peak reverse recovery current
I rr m
-17
A
Diode peak rate of fall of reverse
recovery current during tb
dirr /d t
T j =2 5 °C,
VR =400 V, IF =30A,
diF/dt =1100A/ µs
-
580
A/
µs
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
2) Leakage inductance Lσ and Stray capacity Cσ due to test circuit in Figure E.


Similar Part No. - SKW30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW30N60HS INFINEON-SKW30N60HS Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
More results

Similar Description - SKW30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
SGW50N60HS INFINEON-SGW50N60HS Datasheet
331Kb / 11P
   High Speed IGBT in NPT-technology
Rev. 2.1 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SIGC25T60UN INFINEON-SIGC25T60UN Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SIGC15T60UN INFINEON-SIGC15T60UN Datasheet
68Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC07T60UN INFINEON-SIGC07T60UN Datasheet
70Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com