Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKW30N60HS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SKW30N60HS
Description  HIGH SPEED IGBT IN NPT-TECHNOLOGY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKW30N60HS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SKW30N60HS Datasheet HTML 6Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 7Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 8Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 9Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 10Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 11Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 12Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 13Page - Infineon Technologies AG SKW30N60HS Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SKW30N60HS
^
Power Semiconductors
11
Rev. 2 Aug-02
0,0V
0,5V
1,0V
1,5V
2,0V
0A
10A
20A
30A
40A
50A
150°C
25°C
T
J=-55°C
-50
0
50
100
150
0,0
0,5
1,0
1,5
2,0
I
F=15A
I
F=30A
I
F=60A
VF, FORWARD VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 25. Typical diode forward current as
a function of forward voltage
Figure 26. Typical diode forward voltage as a
function of junction temperature
1µs
10µs
100µs
1m s
10m s 100m s
10
-3K/W
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.2
0.1
D
=0.5
tP, PULSE WIDTH
Figure 27. Diode transient thermal
impedance as a function of pulse
width
(D=tP/T)
C 1 =
τ1/R1
R 1
R 2
C 2 =
τ2/R2
R
,( K / W )
τ , (s ) =
0.358
9.02*10
-2
0.367
9.42*10
-3
0.329
9.93*10
-4
0.216
1.19*10
-4
0.024
1.92*10
-5


Similar Part No. - SKW30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW30N60HS INFINEON-SKW30N60HS Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
More results

Similar Description - SKW30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
SGW50N60HS INFINEON-SGW50N60HS Datasheet
331Kb / 11P
   High Speed IGBT in NPT-technology
Rev. 2.1 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SIGC25T60UN INFINEON-SIGC25T60UN Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SIGC15T60UN INFINEON-SIGC15T60UN Datasheet
68Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC07T60UN INFINEON-SIGC07T60UN Datasheet
70Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com