Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1534 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1534
Description  High-Efficiency, Triple-Output, Keep-Alive Power Supply for Notebook Computers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1534 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1534 Datasheet HTML 2Page - Maxim Integrated Products MAX1534 Datasheet HTML 3Page - Maxim Integrated Products MAX1534 Datasheet HTML 4Page - Maxim Integrated Products MAX1534 Datasheet HTML 5Page - Maxim Integrated Products MAX1534 Datasheet HTML 6Page - Maxim Integrated Products MAX1534 Datasheet HTML 7Page - Maxim Integrated Products MAX1534 Datasheet HTML 8Page - Maxim Integrated Products MAX1534 Datasheet HTML 9Page - Maxim Integrated Products MAX1534 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High-Efficiency, Triple-Output, Keep-Alive
Power Supply for Notebook Computers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = +12V, PRESET = GND, TA = +25°C, unless otherwise noted.)
0
40
20
80
60
120
100
140
614
10
18
22
26
NO-LOAD SUPPLY CURRENT
vs. VIN, CIRCUIT 1, ILIM = GND
VIN (V)
SHDN = IN
SHDN = GND
SHDN = IN
VOUT3 NOT CONNECTED
TO VLDOIN
0.4
0.7
0.6
0.5
0.8
0.9
1.0
1.1
1.2
1.3
1.4
614
10
18
22
26
PEAK SWITCH CURRENT
vs. VIN, CIRCUIT 1, ILIM = IN
VIN (V)
L = 10
µH
L = 15
µH
L = 22
µH
IOUT3 = 300mA
40
µs/div
BUCK LOAD TRANSIENT
1A
0
ILX
1A/div
VOUT3
200mV/div
AC-COUPLED
IOUT3
500mA/div
MAX1534 toc09
10V
0
0
500mA
VLX
10V/div
VIN = 12V, IOUT3 = 100mA TO 450mA
100
µs/div
LINE TRANSIENT
15V
10V
VOUT3
200mV/div
AC-COUPLED
VIN
5V/div
MAX1534 toc10
0
1A
ILX
500mA/div
VIN = 10V TO 15V, IOUT3 = 300mA
100
µs/div
LINE TRANSIENT NEAR DROPOUT
10V
5V
VOUT3
200mV/div
AC-COUPLED
VIN
5V/div
MAX1534 toc11
0
1A
ILX
500mA/div
VIN = 5.2V TO 10V, IOUT3 = 300mA
0
40
20
80
60
120
100
140
180
160
200
0
100 150 200
50
250 300 350
450
400
500
SWITCHING FREQUENCY
vs. LOAD CURRENT, CIRCUIT 1, ILIM = IN
IOUT3 (mA)
VIN = 20V
VIN = 12V
VIN = 7V


Similar Part No. - MAX1534

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX1530 MAXIM-MAX1530 Datasheet
307Kb / 13P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 11/04
MAX15301 MAXIM-MAX15301 Datasheet
1Mb / 30P
   InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
19-6267; Rev 4; 11/13
More results

Similar Description - MAX1534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com