Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7570L-XX Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7570L-XX
Description  Multi-Function ADPCM CODEC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7570L-XX Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7570L-XX Datasheet HTML 5Page - OKI electronic componets MSM7570L-XX Datasheet HTML 6Page - OKI electronic componets MSM7570L-XX Datasheet HTML 7Page - OKI electronic componets MSM7570L-XX Datasheet HTML 8Page - OKI electronic componets MSM7570L-XX Datasheet HTML 9Page - OKI electronic componets MSM7570L-XX Datasheet HTML 10Page - OKI electronic componets MSM7570L-XX Datasheet HTML 11Page - OKI electronic componets MSM7570L-XX Datasheet HTML 12Page - OKI electronic componets MSM7570L-XX Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
¡ Semiconductor
MSM7570L-01/02
Figure 3 MCU Interface Input/Output Timing
Table 1 shows the register map.
DEN , EXCK, DIN, DOUT
Serial control ports for MCU interface.
Reading and writing data are performed by an external MCU through these pins. Eight registers
with eight bits are provided on the devices.
DEN is the “Enable” control signal input, EXCK is the data shift clock input, DIN is the address
and data input, and DOUT is the data output.
Fig.3 shows the input/output timing diagram.
R/W : Read/Write enable
R : Read only register.


High Impedance
High Impedance
(a) Write Data Timing Diagram
(b) Read Data Timing Diagram
DEN
W
EXCK
DIN
A2
DOUT
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
R
A2A1A0
B7
B6
B5
B4
B3
B2
B1
B0
DEN
EXCK
DIN
DOUT







,





,








Table-1
Name
Address
A2
A1
A0
Control and Detect Data
R/W
B7
B6
B5
B4
B3
B2
B1
B0
CR0
000
R/W
A/m
SEL
MCK
SEL
PDN
ALL
——
PDN
SAO/AOUT
CR1
001
R/W
MODE1
MODE0
TX
RESET
RX
RESET
TX
MUTE
RX
MUTE
RX
PAD
CR2
010
R/W
TX
ON/OFF
TX
GAIN2
TX
GAIN1
TX
GAIN0
RX
ON/OFF
RX
GAIN2
RX
GAIN1
RX
GAIN0
CR3
011
R/W
Side Tone
GAIN2
Side Tone
GAIN1
Side Tone
GAIN0
TONE
ON/OFF
TONE
GAIN3
TONE
GAIN2
TONE
GAIN1
TONE
GAIN0
CR4
100
R/W
DTMF/
OTHERS
SEL
TONE
SEND
SAO/
VFRO
TONE4
TONE3
TONE2
TONE1
TONE0
CR5
101
R/W
————————
CR6
110
R/W
VOX
ON/OFF
ON
LVL1
ON
LVL0
OFF
TIME
VOX
IN
RX NOISE
LEVEL SEL
RX NOISE
LVL1
RX NOISE
LVL0
CR7
111
R
VOX
OUT
TX NOISE
LVL1
TX NOISE
LVL0
—————
——


Similar Part No. - MSM7570L-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
   5V Sinlge-Rail ADPCM CODECs
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
More results

Similar Description - MSM7570L-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
   Multi-Function PCM CODEC
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
   Multi-Function PCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
   Multifunction ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com