Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89983 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89983
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89983 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89983 Datasheet HTML 3Page - Fujitsu Component Limited. MB89983 Datasheet HTML 4Page - Fujitsu Component Limited. MB89983 Datasheet HTML 5Page - Fujitsu Component Limited. MB89983 Datasheet HTML 6Page - Fujitsu Component Limited. MB89983 Datasheet HTML 7Page - Fujitsu Component Limited. MB89983 Datasheet HTML 8Page - Fujitsu Component Limited. MB89983 Datasheet HTML 9Page - Fujitsu Component Limited. MB89983 Datasheet HTML 10Page - Fujitsu Component Limited. MB89983 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
MB89980 Series
s PIN DESCRIPTION
(Continued)
*1: FPT-64P-M03
*2: FPT-64P-M09
*3: MQP-64C-P01
Pin no.
Pin name
I/O circuit type
Function
LQFP*1
QFP*2
MQFP*3
MB89983
MB89P985
MB89PV980
22
23
X0
A
Crystal or other resonator connector pins for the main
clock
The external clock can be connected to X0. When this
is done, be sure to leave X1 open.
CR oscillation selectability in model with a mask ROM
only.
23
24
X1
20
21
MOD0
C
A hysteresis input type
Memory access mode setting pins
Connect directly to VSS.
21
22
MOD1
19
20
RST
D
Reset I/O pin
This pin is an N-ch open-drain output type with a pull-
up resistor, and a hysteresis input type. “L” is output
from this pin by an internal reset request (optional).
The internal circuit is initialized by the input of “L”.
14 to 15 15 to 16
P00/INT20 to
P01/INT21
EF
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up
function). External interrupt 2 input is hysteresis input.
25 to 30 26 to 31
P02/INT22 to
P07/INT27
EF
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up
function). External interrupt 2 input is hysteresis input.
31 to 34 32 to 35
P10/INT10 to
P13/INT13
EF
General-purpose I/O ports
Also serve as input for external interrupt 1 input
(wake-up function). External interrupt 1 input is hys-
teresis input.
35 to 38 36 to 39
P14 to P17
G
H
General-purpose I/O ports
39
40
P20/EC
J
K
N-ch open-drain general-purpose I/O port
Also serve as the external clock input for the 8/16-bit
timer/counter.
The peripheral is a hysteresis input.
40
41
P21
L
M
N-ch open-drain general-purpose I/O port
41
42
P22/TO
L
M
N-ch open-drain general-purpose I/O port
Also serves as an 8/16-bit timer/counter output.
42
43
P23
L
M
N-ch open-drain general-purpose I/O port
43
44
P24/RCO
L
M
N-ch open-drain general-purpose I/O port
Also serves as Remote control output.
44 to 45 45 to 46
P25 to P26
L
M
N-ch open-drain general-purpose I/O port
46
47
P27/PWM2
L
M
N-ch open-drain general-purpose I/O port
Also serves as the square wave or PWM wave output
for the 8-bit PWM timer 2.


Similar Part No. - MB89983

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89913P-SH FUJITSU-MB89913P-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89913PF FUJITSU-MB89913PF Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89915 FUJITSU-MB89915 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89915P-SH FUJITSU-MB89915P-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89983

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com