Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT51C164 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UT51C164
Description  256K X 16 BIT EDO DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT51C164 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UT51C164 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
UTRON
UT51C164
Rev 1.4
256K X 16 BIT EDO DRAM
UTRON TECHNOLOGY INC.
P90005
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
5
DC CHARACTERISTICS (TA = 0℃ to 70ºC, VDD = 5.0 V ± 0.5 V, Vss = 0 V)
UT51C164
SYMBOL PARAMETER
SPEED
(tRAC)
Min
Max
UNIT TEST CONDITION
-35
-
190
-40
-
180
-50
-
170
IDD1
Operating Current,
VDD Supply
-60
-
160
mA
tRC = tRC (min.)
IDD2
Standby Current
(TTL Input)
-
-
3
mA
RAS = UCAS = LCAS
=VIH
-35
-
190
-40
-
180
-50
-
170
IDD3
RAS Only
Refresh
Current
-60
-
160
mA
tRC = tRC (min.)
-35
-
220
-40
-
200
-50
-
190
IDD4
EDO
Page
Mode
Current
-60
-
180
mA
tPC = tPC (min.)
-35
-
190
-40
-
180
-50
-
170
IDD5
CBR Refresh Current
-60
-
160
mA
tRC = tRC (min.)
IDD6
Standby Current
(CMOS Input)
-
-
2
mA
RAS ≧ VDD-0.2V
CAS ≧ VDD-0.2V
All other inputs≧ VSS
VDD
Power Supply
-
4.5
5.5
V
ILI
Input Leakage Current
-
-10
10
uA
VSS≦ VIN ≦VDD
ILO
Output
Leakage
Current
-
-10
10
uA
VSS≦ VOUT ≦VDD
RAS = CAS = VIH
VIL
Input Low Voltage
-
-1
0.8
V
VIH
Input High Voltage
-
2.4
VDD +1
V
VOL
Output Low Voltage
-
-
0.4
V
IOI = 2mA
VOH
Output High Voltage
-
2.4
-
V
IOH = 2mA
Notes: IDD1, IDD3, IDD4, IDD5 are dependent on output loading and cycle rates. Specified values are obtained with the output
open. IDD is specified as an average current. In IDD1, IDD3, and IDD5 address can be changed maximum once while
RAS =VIL. In IDD4, address can be changed maximum once within one EDO page cycle time, tPC.


Similar Part No. - UT51C164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-35 ETC1-UT51C161JC-35 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-40 ETC1-UT51C161JC-40 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-50 ETC1-UT51C161JC-50 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-60 ETC1-UT51C161JC-60 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
More results

Similar Description - UT51C164

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com