Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT51C164JC-40 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UT51C164JC-40
Description  256K X 16 BIT EDO DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT51C164JC-40 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UT51C164JC-40 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 10Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 11Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 12Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 13Page - List of Unclassifed Manufacturers UT51C164JC-40 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
UTRON
UT51C164
Rev 1.4
256K X 16 BIT EDO DRAM
UTRON TECHNOLOGY INC.
P90005
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
10
VIH
VIL
RAS VIH
VIL
VIH
VIL
VIH
VIL
UCAS,
LCAS
UCAS,
LCAS
VIH
VIL
Address
VIH
VIL
WE
VIH
VIL
WE
VIH
VIL
OE
VIH
VIL
OE
VOH
VOL
DQ
t RC(2)
t
RAS(1)
tAR(23)
t RP(3)
t CSH(4)
t RCD(6)
t RSH(12)
t CRP(13)
t ASR(8)
t CAS(5)
t CRP(13)
t RAD(24)
t
RAH(9)
t ASC(10)
t CAH(11)
t CAR(24)
t
RCS (7)
t RCH(14)
t RRH(15)
t ROH(16)
t
CAA(20)
t OAC(17)
t OES(52)
t CAC(18)
t RAC(19)
t HZ(22)
t HZ(22)
t
LZ(21)
VALID DATA - OUT
VALID DATA - OUT
COLUMN ADDRESS
UTRON EDO Mode, X16 (2CAS) Device Timing Diagram
Waveforms of Read Cycle
ROW
ADDRESS
Don't care
Undefined


Similar Part No. - UT51C164JC-40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-35 ETC1-UT51C161JC-35 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-40 ETC1-UT51C161JC-40 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-50 ETC1-UT51C161JC-50 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-60 ETC1-UT51C161JC-60 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
More results

Similar Description - UT51C164JC-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com