Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7939RP Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7939RP
Description  Laser Diode Driver with Automatic Power Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7939RP Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7939RP Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7939
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
Page 4
G52350-0, Rev 3.2
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC)............................................................................................................. -0.5V to +7V
Current into BIAS.....................................................................................................................-20mA to +150mA
Current into OUT+, OUT- ...............................................................................................................................TBD
Current into MD ............................................................................................................................. -5mA to +5mA
Current into FAIL ......................................................................................................................... -10mA to 30mA
Voltage at DATA+, DATA-, CLK+, CLK-, ENABLE, LATCH......................................... -0.5V to (VCC + 0.5V)
Voltage at APCFILT, MODSET, BIASMAX, APCSET, MD, FAIL ............................................. -0.5V to +3.0V
Voltage at OUT+, OUT- ..................................................................................................... -0.5V to (VCC + 1.5V)
Voltage at BIAS .................................................................................................................. -0.5V to (VCC + 0.5V)
Continouous Power Dissipation (TA = +85°C, TQFP derate 20.8mW/°C above +85°C) .......................1350mW
Operating Junction Temperature Range ...................................................................................... -55°C to +150°C
Storage Temperature Range ........................................................................................................ -65°C to +165°C
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Positive Voltage Rail (VCC)..................................................................................................... +3.135V to +5.25V
Negative Voltage Rail (GND) ............................................................................................................................0V
Modulation Current (IMOD)
(1) .......................................................................................................................30mA
Ambient Temperature Range (TA)................................................................................................. -40°C to +85°C
NOTE:
(1) VCC = 3.3V, IBIAS = 60mA.


Similar Part No. - VSC7939RP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937KJ VITESSE-VSC7937KJ Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937KJL VITESSE-VSC7937KJL Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937KJRL VITESSE-VSC7937KJRL Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
VSC7937RA VITESSE-VSC7937RA Datasheet
153Kb / 14P
   Single Supply 2.5Gb/s Voltage Driver
More results

Similar Description - VSC7939RP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
logo
Maxim Integrated Produc...
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
   2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com