Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT51C164MC-50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT51C164MC-50
Description  256K X 16 BIT EDO DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT51C164MC-50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT51C164MC-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT51C164MC-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
UTRON
UT51C164
Rev 1.4
256K X 16 BIT EDO DRAM
UTRON TECHNOLOGY INC.
P90005
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
1
FEATURES
RAS access time: 35, 40, 50, 60
2 CAS Byte/Word Read/Write operation
CAS - before – RAS refresh capability
RAS only and Hidden refresh capability
Early write or output enable controlled write
Extended Data Out operation
Package : 40 pin 400mil SOJ
40 / 44 pin 400mil TSOP-Ⅱ
Single +5V+10% power supply
TTL compatible inputs and outputs
512 refresh cycles /8ms
Speed
-35
-40
-50
-60
tRAC
35ns
40ns
50ns
60ns
tCAA
18ns
20ns
24ns
30ns
tPC
14ns
15ns
19ns
27ns
tCAC
11ns
12ns
14ns
15ns
tRC
70ns
75ns
90ns
110ns
GENERAL DESCRIPTION
The UT51C164 is high speed 5V EDO DRAMs organized as 256K bit X 16 I/O and fabricated with
the CMOS process. The UT51C164 offers a combination of unique features including : EDO Page
Mode operation for higher bandwidth with Page Mode cycle time as short as 14ns. All inputs are
TTL compatible. Input and output capacitance is significantly lowered to increase performance and
minimize loading. These features make the UT51C164 suited for wide variety of high performance
computer systems and peripheral applications


Similar Part No. - UT51C164MC-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-35 ETC1-UT51C161JC-35 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-40 ETC1-UT51C161JC-40 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-50 ETC1-UT51C161JC-50 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-60 ETC1-UT51C161JC-60 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
More results

Similar Description - UT51C164MC-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com