Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8116QP1 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8116QP1
Description  ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8116QP1 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8116QP1 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8116QP1 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8116
ATM/SONET/SDH 622/155Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
G52220-0, Rev 4.1
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/8/00
Table 3: Clock Multiplier Unit Performance
(1)
These Reference Clock Jitter limits are required for the outputs to meet SONET system level jitter requirements
(< 10 mUIrms)
(2)
Needed to meet SONET output frequency stability requirements
(3)
Measured
Note: Jitter specification is defined utilizing a 12KHz - 5MHz LP-HP single pole filter.
AC Timing Characteristics
Figure 7: Receive High Speed Data Input Timing Diagram
Table 4: Receive High Speed Data Input Timing Table
(STS-12 Operation)
Name
Description
Min
Typ
Max
Units
RCd
Reference clock duty cycle
40
60
%
RCj
Reference clock jitter (RMS) @ 77.76 MHz ref (1)
13
ps
RCj
Reference clock jitter (RMS) @ 19.44 MHz ref (1)
5ps
RCf
Reference clock frequency tolerance (2)
-20
+20
ppm
OCj
Output clock jitter (RMS) @ 77.76 MHz ref (3)
8ps
OCj
Output clock jitter (RMS) @ 19.44 MHz ref (3)
15
ps
OCfrange
Output frequency
620
624
MHz
OCd
Output clock duty cycle
40
60
%
Parameter
Description
Min
Typ
Max
Units
TRXCLK
Receive clock period
-
1.608
-
ns
TRXSU
Serial data setup time with respect to RXCLKIN
250
-
-
ps
TRXH
Serial data hold time with respect to RXCLKIN
250
-
-
ps
TRXCLK
TRXSU
TRXH
RXCLKIN+
RXCLKIN-
RXDATAIN+
RXDATAIN-


Similar Part No. - VSC8116QP1

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8116QP1

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
   2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com