Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8116QP2 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC8116QP2
Description  ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8116QP2 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC8116QP2 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8116QP2 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8116
ATM/SONET/SDH 622/155Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Page 6
© VITESSE SEMICONDUCTOR CORPORATION
G52220-0, Rev 4.1
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/8/00
Clock Multiplier Unit
The VSC8116 uses an integrated phase-locked loop (PLL) for clock synthesis of the 622MHz high speed
clock used for serialization in the transmitter section. The PLL is comprised of a phase-frequency detector
(PFD), an integrating operation amplifier and a voltage controlled oscillator (VCO) configured in classic feed-
back system. The PFD compares the selected divided down version of the 622MHz VCO (CMUFREQSEL
selects divide-by ratios of 8 or 32, see Table 2) and the reference clock. The integrator provides a transfer func-
tion between input phase error and output voltage control. The VCO portion of the PLL is a voltage controlled
ring-oscillator with a center frequency of 622MHz.
The reactive elements of the integrator are located off-chip and are connected to the feedback loop of the
amplifier through the CP1, CP2, CN1 and CN2 pins. The configuration of these external surface mounted
capacitors is shown in Figure 6. Table 1 shows the recommended external capacitor values for the configurable
reference frequencies.
Good analog design practices should be applied to the board design for these external components. Tightly
controlled analog ground and power planes should be provided for the PLL portion of the circuitry. The dedi-
cated PLL power (VDDA) and ground (VSSA) pins should have quiet supply planes to minimize jitter genera-
tion within the clock synthesis unit. This is accomplished by either using a ferrite bead or a C-L-C choke (
π
filter) on the (VDDA) power pins. Note: Vitesse recommends a (
π filter) C-L-C choke over using a ferrite bead.
All ground planes should be tied together using multiple vias.
Table 1: Recommended External Capacitor Values
Reference
Frequency
[MHz]
Divide Ratio
CP
CN
Type
Size
Tol.
19.44
32
0.1
0.1
X7R
0603/0805
+/-10%
77.76
8
0.1
0.1
X7R
0603/0805
+/-10%


Similar Part No. - VSC8116QP2

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8116QP2

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
   2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com