Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW6S010MR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MW6S010MR1
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6S010MR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MW6S010MR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW6S010MR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MW6S010NR1 MW6S010GNR1 MW6S010MR1 MW6S010GMR1
f
MHz
Zsource
Zload
800
820
840
3.1 + j1.9
2.7 + j2.2
2.8 + j1.7
10.1 + j2.3
8.3 + j2.5
8.2 + j3.3
VDD = 28 Vdc, IDQ = 125 mA, Pout = 10 W PEP
860
880
900
3.1 + j3.4
2.9 + j3.7
3.3 + j3.8
9.8 + j4.8
10.6 + j5.6
9.5 + j5.5
920
940
960
2.8 + j4.4
3.2 + j4.9
3.0 + j4.7
10.1 + j5.9
11.0 + j6.4
11.8 + j6.6
980
3.6 + j5.2
12.1 + j7.1
Figure 13. Series Equivalent Source and Load Impedance — 900 MHz
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
f = 800 MHz
f = 980 MHz
Zo = 25 Ω
f = 800 MHz
f = 980 MHz
Zload
Zsource


Similar Part No. - MW6S010MR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
726Kb / 20P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
730Kb / 20P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MW6S010GNR1 NXP-MW6S010GNR1 Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
MW6S010N NXP-MW6S010N Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
726Kb / 20P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MW6S010MR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com