Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G57DBVTE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP1G57DBVTE4
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DBVTE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G57DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G57DBVTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Switching Characteristics
Switching Characteristics
SN74AUP1G57
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES503D – NOVEMBER 2003 – REVISED JUNE 2005
over recommended operating free-air temperature range, C
L = 5 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
28.6
1.2 V ± 0.1 V
2.6
9.5
13.6
2.1
17.1
1.5 V ± 0.1 V
1.9
6.4
9.1
1.4
11.1
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
1.4
5.2
7.1
0.9
8.9
2.5 V ± 0.2 V
1.1
3.6
5.3
0.6
6.3
3.3 V ± 0.3 V
1
2.9
4.4
0.5
5.3
over recommended operating free-air temperature range, C
L = 10 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
32.8
1.2 V ± 0.1 V
2.6
11
15.1
2.1
18.1
1.5 V ± 0.1 V
1.9
7.4
10.3
1.4
12.4
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
1.4
6
8.1
0.9
10
2.5 V ± 0.2 V
1.1
4.3
6.1
0.6
7.3
3.3 V ± 0.3 V
1
3.5
5.1
0.5
6.1
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
37
1.2 V ± 0.1 V
3.6
12.3
16.8
3.1
20.1
1.5 V ± 0.1 V
2.8
8.3
11.4
2.3
13.7
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
2.1
6.7
9
1.6
11.1
2.5 V ± 0.2 V
1.7
4.9
6.8
1.2
8.1
3.3 V ± 0.3 V
1.5
3.9
5.6
1
6.7
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
49.3
1.2 V ± 0.1 V
5
15.7
21.4
4.5
26.5
1.5 V ± 0.1 V
3.9
10.8
14.4
3.4
17.4
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
3.1
8.8
11.4
2.6
14
2.5 V ± 0.2 V
2.6
6.4
8.4
2.1
10.1
3.3 V ± 0.3 V
2.3
5.3
7
1.8
8.4
6


Similar Part No. - SN74AUP1G57DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G57DBVTE4 TI-SN74AUP1G57DBVTE4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DBVTE4 TI-SN74AUP1G57DBVTE4 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G57DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com