Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7583GS-BK Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7583GS-BK
Description  pie/4 Shift QPSK MODEM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583GS-BK Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7583GS-BK Datasheet HTML 1Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 2Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 3Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 4Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 5Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 6Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 7Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 8Page - OKI electronic componets MSM7583GS-BK Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
MSM7583
¡ Semiconductor
ENV
Quadrature modulation signal envelope ( I + Q
22
) output.
Its output level is 500 mVpp with 1.6 Vdc as a center value. The output pin load conditions are:
R
≥ 10 kW , C £ 20 pF. The gain of this output can be adjusted using the control registers CR2
- B7 to B4.
This pin is also used to monitor eye pattern, AFC compensating signal, and phase detection of
the demodulator block during the test mode. Refer to the description of the control register for
details.
BSTO
Modulation burst window signal output.
The burst position for the I/Q baseband modulation output is output. (Refer to Fig. 1.)
Figure 1 Transmitter Timing Diagram
D0 D1
D13
D12
D11
D10
D2 D3 D4 D5 D6 D7 D8 D9
Dn-1 Dn
TXD
TXCI
(384 kHz)
TXW
TXCO
(384 kHz)
I, Q
2 symbols
(1) CR0 - B6 ="0".
D0 D1
D13
D12
D11
D10
D2 D3 D4 D5 D6 D7 D8 D9
Dn-1 Dn
TXD
TXCI
(3.84 MHz)
TXW
TXCO
(384 kHz)
I, Q
Delay of 6.25 symbols
2 symbols
2 symbols
Delay of 6.25 symbols
Ramp fall-down
Delay of 6.25 symbols
Delay of 6.25 symbols
12
89
10
N
N+1
N+2
N+16
N+17
N+18
N+19
TXCI
(384 kHz)
TXW
BSTO
Ramp rise-up
Ramp rise-up
(2) CR0 - B6 ="1".
2 symbols
Ramp fall-down


Similar Part No. - MSM7583GS-BK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
MSM7582B OKI-MSM7582B Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
More results

Similar Description - MSM7583GS-BK

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
MSM7586-01 OKI-MSM7586-01 Datasheet
284Kb / 42P
   pie/4 Shift QPSK MODEM/ADPCM CODEC
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
logo
LAPIS Semiconductor Co....
MSM7582B LAPIS-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
logo
OKI electronic componet...
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
MSM7584D OKI-MSM7584D Datasheet
396Kb / 58P
   pi/4 Shift QPSK MODEM/ADPCM CODEC
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com