Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7586-01 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7586-01
Description  pie/4 Shift QPSK MODEM/ADPCM CODEC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7586-01 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7586-01 Datasheet HTML 1Page - OKI electronic componets MSM7586-01 Datasheet HTML 2Page - OKI electronic componets MSM7586-01 Datasheet HTML 3Page - OKI electronic componets MSM7586-01 Datasheet HTML 4Page - OKI electronic componets MSM7586-01 Datasheet HTML 5Page - OKI electronic componets MSM7586-01 Datasheet HTML 6Page - OKI electronic componets MSM7586-01 Datasheet HTML 7Page - OKI electronic componets MSM7586-01 Datasheet HTML 8Page - OKI electronic componets MSM7586-01 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
¡ Semiconductor
MSM7586-01/03
4/42
PIN AND FUNCTIONAL DESCRIPTIONS
(Modem Unit)
TXD
Transmit data input for 384 kbps.
TXCI
Transmit clock input.
When the control register CRM0 - B6 is "0", a 384 kHz clock pulse synchronous with TXD should
be input to this pin. This clock pulse should be continuous because this device use APLL to
generate an internal clock pulse.
When CRM0 - B6 is "1", a 3.84 MHz clock pulse should be input to this pin. When the 3.84 MHz
clock pulse is applied to TXCL, TXCO outputs a 384 kHz clock pulse, which is generated by
dividing the TXCL input by 10. The transmit data, synchronous to the 384 kHz clock pulse,
should be input to the TXD. In this case the devices do not use APLL, and the 3.84 MHz clock pulse
need not be continuous. (Refer to Fig. 1.)
TXCO
Transmit clock output.
When CRM0 - B6 is "0", TXCO outputs the 384 kHz clock pulse (APLL output) for monitoring
purposes. When CRM0 - B6 is "1", this pin outputs a 384 kHz clock pulse generated by dividing
the TXCI input by 10. (Refer to Fig. 1.)
TXW
Transmit data window signal input.
The transmit timing signal for the burst data is input to this pin. If TXW is "1", the modulation
data is output. (Refer to Fig. 1)


Similar Part No. - MSM7586-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
MSM7582B OKI-MSM7582B Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
More results

Similar Description - MSM7586-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7584D OKI-MSM7584D Datasheet
396Kb / 58P
   pi/4 Shift QPSK MODEM/ADPCM CODEC
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
MSM7583 OKI-MSM7583 Datasheet
215Kb / 23P
   pie/4 Shift QPSK MODEM
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
logo
LAPIS Semiconductor Co....
MSM7582B LAPIS-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com