Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

163CNQ100 Datasheet(PDF) 1 Page - International Rectifier

Part # 163CNQ100
Description  The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

163CNQ100 Datasheet(HTML) 1 Page - International Rectifier

  163CNQ100 Datasheet HTML 1Page - International Rectifier 163CNQ100 Datasheet HTML 2Page - International Rectifier 163CNQ100 Datasheet HTML 3Page - International Rectifier 163CNQ100 Datasheet HTML 4Page - International Rectifier 163CNQ100 Datasheet HTML 5Page - International Rectifier 163CNQ100 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV) Rectangular
160
A
waveform
V
RRM range
60/ 100
V
I
FSM
@ tp = 5 µs sine
9000
A
V
F
@80 Apk, T
J = 125°C
0.80
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
Values
Units
Major Ratings and Characteristics
The 163CNQ isolated center tap Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175° C junction temperature. Typical
applications are in switching power supplies, converters, free-
wheeling diodes, and reverse battery protection.
175 °C T
J operation
Not Isolated heatsink
Center tap module
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Low profile, high current package
Description/ Features
SCHOTTKY RECTIFIER
160 Amp
163CNQ... SERIES
www.irf.com
1
Bulletin PD-21060 06/05
IF(AV) = 160 Amp
VR = 60/ 100V
Case Styles
TO-249AA


Similar Part No. - 163CNQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
   The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
More results

Similar Description - 163CNQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
   The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
   The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
logo
Kersemi Electronic Co.,...
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
   This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
logo
International Rectifier
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
   The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203DMQ IRF-203DMQ Datasheet
119Kb / 5P
   The 203DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
203DNQ IRF-203DNQ Datasheet
74Kb / 5P
   The 203DNQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
409DMQ IRF-409DMQ Datasheet
72Kb / 5P
   The 409DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
203CMQ IRF-203CMQ Datasheet
147Kb / 5P
   The 203CMQ high current Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
   This center tap Schottky rectifier has been optimized for low
logo
International Rectifier
153CNQ IRF-153CNQ Datasheet
68Kb / 4P
   The 153CNQ... non-isolated, center tap Schottky rectifier module series has been optimized low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175째 C junction temperature.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com