Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7578VRS Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7578VRS
Description  Single Rail CODEC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7578VRS Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7578VRS Datasheet HTML 5Page - OKI electronic componets MSM7578VRS Datasheet HTML 6Page - OKI electronic componets MSM7578VRS Datasheet HTML 7Page - OKI electronic componets MSM7578VRS Datasheet HTML 8Page - OKI electronic componets MSM7578VRS Datasheet HTML 9Page - OKI electronic componets MSM7578VRS Datasheet HTML 10Page - OKI electronic componets MSM7578VRS Datasheet HTML 11Page - OKI electronic componets MSM7578VRS Datasheet HTML 12Page - OKI electronic componets MSM7578VRS Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
9/18
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
Parameter
Power Supply Current
Input High Voltage
Input Low Voltage
High Level Input Leakage Current
Low Level Input Leakage Current
Digital Output Low Voltage
Digital Output Leakage Current
Input Capacitance
Symbol
IDD1
IDD2
IDD3
VIH
VIL
IIH
IIL
VOL
IO
Condition
Operating mode, No signal
Power-save mode, PDN = 1,
XSYNC Æ OFF
Pull-up resistance > 500 W
Min.
2.2
0.0
0.0
Typ.
5
0.01
1.2
0.2
Max.
9
0.05
3.0
VDD
0.8
2.0
0.5
0.4
10
Unit
mA
mA
V
V
mA
mA
V
mA
Power-down mode, PDN = 0
CIN
—5—
pF
(VDD = +5 V ±5%, Ta = –30°C to +85°C)
mA
Analog Input Resistance
RIN
AIN+, AIN–
10
MW
Transmit Analog Interface Characteristics
Input Resistance
Output Load Resistance
Output Load Capacitance
Output Amplitude
Offset Voltage
RINX
RLGX
CLGX
VOGX
VOSGX
AIN+, AIN–
Gain = 1
10
20
–1.2
–20
30
+1.2
+20
MW
kW
pF
V
mV
GSX with respect to SG
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(VDD = +5 V to ±5%, Ta = –30°C to +85°C)
Receive Analog Interface Characteristics
Output Load Resistance
Output Load Capacitance
RLAO
CLAO
0.6
50
kW
pF
Output Amplitude
Offset Voltage
VOAO
VOSAO
–1.2
–100
+1.2
+100
V
mV
AOUT with respect to SG
AOUT with respect to SG
AOUT with respect to SG
AOUT with respect to SG
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(VDD = +5 V to ±5%, Ta = –30°C to +85°C)


Similar Part No. - MSM7578VRS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
More results

Similar Description - MSM7578VRS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com