Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL320GT70WDI Datasheet(PDF) 8 Page - SPANSION

Part # AM29DL320GT70WDI
Description  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320GT70WDI Datasheet(HTML) 8 Page - SPANSION

Back Button AM29DL320GT70WDI Datasheet HTML 4Page - SPANSION AM29DL320GT70WDI Datasheet HTML 5Page - SPANSION AM29DL320GT70WDI Datasheet HTML 6Page - SPANSION AM29DL320GT70WDI Datasheet HTML 7Page - SPANSION AM29DL320GT70WDI Datasheet HTML 8Page - SPANSION AM29DL320GT70WDI Datasheet HTML 9Page - SPANSION AM29DL320GT70WDI Datasheet HTML 10Page - SPANSION AM29DL320GT70WDI Datasheet HTML 11Page - SPANSION AM29DL320GT70WDI Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
6
Am29DL320G
September 27, 2004
CONNECTION DIAGRAMS
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP, BGA, SSOP, PLCC,
PDIP). The package and/or data integrity may be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
C2
D2
E2
F2
G2
H2
J2
K2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
E7
F7
G7
H7
J7
K7
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball Fine-pitch BGA (6 x 12 mm)
Top View, Balls Facing Down
B3
C3
D3
E3
F3
G3
H3
B4
C4
D4
E4
F4
G4
H4
B5
C5
D5
E5
F5
G5
H5
B6
C6
D6
E6
F6
G6
H6
B7
C7
D7
E7
F7
G7
H7
B8
C8
D8
E8
F8
G8
H8
RFU
RFU
RFU
VSS
VIO
RFU
RFU
VSS
DQ15
BYTE#
A16
A15
A14
A12
DQ6
DQ13
DQ14
DQ7
A11
A10
A8
DQ4
VCC
DQ12
DQ5
A19
A21
RESET#
DQ3
DQ11
DQ10
DQ2
A20
A18
WP#/ACC
DQ1
DQ9
DQ8
DQ0
A5
A6
A17
A3
A4
A5
A6
A7
A8
RFU
A13
A9
WE#
RY/BY#
A7
B2
C2
D2
E2
F2
G2
H2
VSS
OE#
CE#
A0
A1
A2
A4
A2
A3
B1
C1
D1
E1
F1
G1
H1
RFU
RFU
VIO
RFU
RFU
RFU
RFU
A1
RFU
64-Ball Fortified BGA (11 x 13 mm)
Top View, Balls Facing Down


Similar Part No. - AM29DL320GT70WDI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL320GT70WDI AMD-AM29DL320GT70WDI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL320GT70WDIN AMD-AM29DL320GT70WDIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - AM29DL320GT70WDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
   Not for New Designs: Contact the factory for lead times (part is still available for purchase).
logo
Texas Instruments
NE555 TI-NE555 Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com