Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO37CRFLNA4M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO37CRFLNA4M
Description  Surface Mount Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO37CRFLNA4M Datasheet(HTML) 1 Page - Vishay Siliconix

  XO37CRFLNA4M Datasheet HTML 1Page - Vishay Siliconix XO37CRFLNA4M Datasheet HTML 2Page - Vishay Siliconix XO37CRFLNA4M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35051
34
Revision: 01-Jun-06
XOSM-573
Vishay Dale
Surface Mount Oscillator
FEATURES
• Miniature Package
• Tri-state enable/disable
• TTL/HCMOS compatible
• Tape and Reel
• IR Re-flow
• 3.3 V input voltage
• 100 % Lead (Pb)-free and RoHS compliant
The XOSM-573 series is an ultra miniature package clock
oscillator with dimensions 7.0 x 5.0 x 1.6 mm. It is mainly
used in portable PC and telecommunication devices and
equipment.
* Include: 25 ºC tolerance, operating tempe2ure range, input voltage change, aging, load change, shock and vibration.
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XOSM-573
Frequency Range
FO
1 MHz ~ 100.000 MHz
Frequency Stability*
All Condition*
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating Temperature Range
TOPR
0 ºC ~ 70 ºC (- 40 ºC ~ + 85 ºC option)
Storage Temperature Range
TSTG
- 55 ºC ~ + 125 ºC
Power Supply Voltage
VDD
3.3 V ± 10 %
Aging (First Year)
25 ºC ± 3 ºC
± 5 ppm
Supply Current
IDD
1.000 MHz to 23.999 MHz
20 mA Max
24.000 MHz to 49.999 MHz
30 mA Max
50.000 MHz to 69.999 MHz
40 mA Max
70.000 MHz to 100.000 MHz
60 mA Max
Output Symmetry
Sym
At 1/2 VDD
40/60 % (45/55 % Option)
Rise Time
Tr
10 % VDD ~ 90 % VDD
5 ns Max
Fall Time
Tf
90 % VDD ~ 10 % VDD
5 ns Max
Output Voltage
VOH
90 % VDD Min
VOL
10 % VDD Max
Output Load
HCMOS Load
30 pF Max
Start-up Time
Ts
10 ms Max
Pin 1, tri-state function
Pin 1 = H or open.... output active at pin 3
Pin 1 = L..... high impedance at pin 3
ORDERING INFORMATION
XOSM-573
MODEL
B
FREQUENCY STABILITY
AA = 0.0025 % (25 ppm)
A = 0.005 % (50 ppm)
B = 0.01 % (100 ppm)
Standard
R
OTR
Blank = Standard
R = - 40 °C to + 85 °C
E
ENABLE/DISABLE
E = Disable to Tristate
50 M
FREQUENCY/MHz
e4
JEDEC
LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
FREQUENCY
OTR
ENABLE/ PACKAGE
OPTIONS
FREQUENCY
STABILITY
DISABLE
CODE
#4
0.197
± 0.008 [5.0 ± 0.2]
0.275
± 0.008
[7.0
± 0.2]
0.063 [1.6 max]
0.102
± 0.006
[2.60
± 0.15]
#3
#1
#2
0.055
± 0.006
[1.40
± 0.15]
0.2
± 0.006
[5.08
± 0.15]
PIN
#1
#2
#3
#4
CONNECTION
TRI-STATE/NC
GND
OUTPUT
VDD
0.200
[5.08]
0.079
[2.0]
0.158
[4.0]
0.071
[1.8]
***note: A 0.01 µF bypass capacitor should be placed between VDD(Pin4) and GND(Pin2) to minimize power supply line noise
RoHS
COMPLIANT
X
O
3
7
C
T
E
C
N
A
5
0
M


Similar Part No. - XO37CRFLNA4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO37CRFC60100M VISHAY-XO37CRFC60100M Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
XO37CRFC6012M288 VISHAY-XO37CRFC6012M288 Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
XO37CRFC6040M VISHAY-XO37CRFC6040M Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
XO37CRFC604M VISHAY-XO37CRFC604M Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
XO37CRFCNA100M VISHAY-XO37CRFCNA100M Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
More results

Similar Description - XO37CRFLNA4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ECM Electronics Limited...
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
   Surface Mount Oscillator
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
   Surface Mount Oscillator
01-Jan-2022
XOSM-57 VISHAY-XOSM-57 Datasheet
117Kb / 1P
   Surface Mount Oscillator
Revision: 07-Jun-04
logo
ECM Electronics Limited...
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
   Surface Mount Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com