Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4272 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4272
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4272 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4272 Datasheet HTML 3Page - Cirrus Logic CS4272 Datasheet HTML 4Page - Cirrus Logic CS4272 Datasheet HTML 5Page - Cirrus Logic CS4272 Datasheet HTML 6Page - Cirrus Logic CS4272 Datasheet HTML 7Page - Cirrus Logic CS4272 Datasheet HTML 8Page - Cirrus Logic CS4272 Datasheet HTML 9Page - Cirrus Logic CS4272 Datasheet HTML 10Page - Cirrus Logic CS4272 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
CS4272
DS593F1
7
2.
PIN DESCRIPTIONS - STAND-ALONE MODE
XTO
BMUTEC
XTI
AOUTB-
MCLK
AOUTB+
LRCK
AOUTA+
SCLK
AOUTA-
SDOUT (M/S)AMUTEC
SDIN
FILT+
DGND
AGND
VD
VA
VL
AINB-
M0
AINB+
M1
AINA+
I2S/LJ
AINA-
RST
VCOM
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
28-Pin TSSOP


Similar Part No. - CS4272

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4272

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com