Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2CC910OI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2CC910OI
Description  1:10 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OI Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2CC910OI Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *A
Page 7 of 8
© Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimensions
VOI is trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of
their respective holders.
CY2CC910SCT
20-pin SOIC–Tape and Reel
Commercial, 0
°C to 70°C
CY2CC910OC
20-pin SSOP
Commercial, 0
°C to 70°C
CY2CC910OCT
20-pin SSOP–Tape and Reel
Commercial, 0
°C to 70°C
Ordering Information (continued)
20-lead (300-mil) Molded SOIC S5
51-85024-A
51-85077-*C
20-pin Shrunk Small Outline Package O20


Similar Part No. - CY2CC910OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910OI CYPRESS-CY2CC910OI Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910OI CYPRESS-CY2CC910OI Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC910OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com