Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7578VGS-K Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7578VGS-K
Description  Single Rail CODEC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7578VGS-K Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7578VGS-K Datasheet HTML 1Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 2Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 3Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 4Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 5Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 6Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 7Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 8Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
4/18
PIN AND FUNCTIONAL DESCRIPTIONS
AIN+, AIN–, GSX
Transmit analog input and transmit level adjustment.
AIN+ is a non-inverting input to the op-amp; AIN– is an inverting input to the op-amp; GSX is
connected to the output of the op-amp and is used to adjust the level, as shown below.
When not using AIN– and AIN+, connect AIN– to GSX and AIN+ to SG. During power saving
and power down modes, the GSX output is at AG voltage.
+
AIN–
AIN+
C1
Analog input
1) Inverting input type
R1 : variable
R2 > 20 kW
C1 > 1/(2 ¥ 3.14 ¥ 30 ¥ R1)
Gain = R2/R1 £ 10
R2
GSX
SG
+
AIN+
AIN–
2) Non inverting input type
R3 > 20 kW
R4 > 20 kW
R5 > 50 kW
C2 > 1/ (2 ¥ 3.14 ¥ 30 ¥ R5)
Gain = 1 + R4 / R3 £ 10
R4
GSX
SG
C2
Analog input
R3
R5
R1
AG
Analog signal ground.
AOUT
Analog output.
The output signal has a maximum amplitude of 2.4 VPP above and below the signal ground
voltage (VDD/2).
The output load resistance is a minimum of 600 W.
During power saving, or power down mode, the output of AOUT is at the voltage level of the
signal ground.


Similar Part No. - MSM7578VGS-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
More results

Similar Description - MSM7578VGS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com