Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H4005 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # H4005
Description  ISO 11 784 / 11 785 COMPLIANT READ ONLY CONTACTLESS IDENTIFICATION DEVICE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H4005 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  H4005 Datasheet HTML 1Page - List of Unclassifed Manufacturers H4005 Datasheet HTML 2Page - List of Unclassifed Manufacturers H4005 Datasheet HTML 3Page - List of Unclassifed Manufacturers H4005 Datasheet HTML 4Page - List of Unclassifed Manufacturers H4005 Datasheet HTML 5Page - List of Unclassifed Manufacturers H4005 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VDD
VSS
4
Functional Description
General
The H4005 is supplied by means of an electromagnetic field
induced on the attached coil. The AC voltage is rectified in order
to provide a DC internal supply voltage. When the DC voltage is
sufficient the chip sends data continuously. When the last bit is
sent, the chip will continue with the first bit until the power goes
off.
Full Wave Rectifier
The AC input induced in the external coil by an incident
magnetic field is rectified by a Graetz bridge. The bridge will limit
the internal DC voltage to avoid malfunction in strong fields.
Clock extractor
One of the coil terminals (COIL1) is used to generate the master
clock for the logic function. The output of the clock extractor
drives a sequencer.
Sequencer
The sequencer provides all necessary signals to address the
memory array and to encode the serial data out. The data rate is
set to 32 clocks per bit.
Data Encoder
The data is coded according to the FDX-B scheme. At the
beginning of each bit, a transition will occur. A logic bit "1" will
keep its state for the whole bit duration and a logic bit "0" will
show a transition in the middle of the bit duration (refer to fig. 4).
The FDX-B allows an advance of up to 8 clocks in the ON to
OFF transition. Due to its low power consumption, there is no
difference in performance for the H4005 when implementing a
transition advance. No clock advance is provided on the
standard version.
Block Diagram
Data Modulator
The data modulator is controlled by the signal Modulation
Control in order to induce a high current on COIL2 terminal
when this signal is at logic "0". This will affect the magnetic field
according to the data stored in the memory array.
Memory
The memory contains 128 bits laser programmed during
manufacturing according to a customer list of codes. The bits
are read serially in order to control the modulator. The 128 bits
output sequence is repeated continuously until power goes off.
Memory Map
Fig. 5
Fig. 4
COIL1
COIL2
AC1
AC2
FULL WAVE
RECTIFIER
CLOCK
EXTRACTOR
SEQUENCER
Logic
Clock
Serial
Data out
MEMORY
ARRAY
DATA
ENCODER
DATA
MODULATOR
Modulation
Control
Header
Identification code
CRC
Extension
11 bits
64 + 8 bits
16 + 2 bits
24 + 3 bits
1
11 12
83 84
101 102
128
128 bit pattern ISO 11785
Send bit 1 first
64 bit pattern Identification code ISO 11784
64
27 26
17 16 15
2 1
National code
Country
Reserved
Send first
Cres
Csup
H4005
EMMICROELECTRONIC-MARINSA


Similar Part No. - H4005

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02A IVO-H400.010A02A Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A02B IVO-H400.010A02B Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03C IVO-H400.010A03C Datasheet
508Kb / 4P
   Totalizers mechanic
H400.010A03D IVO-H400.010A03D Datasheet
508Kb / 4P
   Totalizers mechanic
More results

Similar Description - H4005

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com