Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-181 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-181
Description  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-181 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-181 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-181 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
–1.2
1.4
V
IF = 20 mA
Reverse Current
IR
––10
µAVR = 4 V
Terminal Capacitance
Ct
30
250
pF
V = 0, f = 1 KHz
Collector Dark Current
ICEO
100
nA
VCE = 20 V
Collector-Emitter Breakdown Voltage
BVCEO
80
––V
IC = 0.1 mA, IF = 0
Emitter-Collector Breakdown Voltage
BVECO
6
––V
IE = 10 µA, IF = 0
Collector Current
IC
2.5
30
mA
IF = 5 mA, VCE = 5 V
*Current Transfer Ratio
CTR
50
600
%
Collector-Emitter Saturation Voltage
VCE(sat)
––0.2
V
IF = 20 mA, IC = 1 mA
Response Time (Rise)
tr
–4
18
µsVCC = 2 V, IC = 2 mA
Response Time (Fall)
tf
–3
18
µsRL = 100 Ω
Isolation Resistance
Riso
5 x 1010
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1.0
pF
V = 0, f = 1 MHz
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs.
temperature.
Figure 3. Collector-emitter saturation voltage
vs. forward current.
0
TA – AMBIENT TEMPERATURE – °C
75
125
50
25
10
40
0
50
100
-55
60
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
75
125
25
0
50
100
-55
0
IF – FORWARD CURRENT – mA
10
15
2
5
0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
Absolute Maximum Ratings (TA = 25˚C)
Storage Temperature, TS
–55˚C to +155˚C
Operating Temperature, TA
–55˚C to +100˚C
Lead Solder Temperature, max.
260˚C for 10 s
(1.6 mm below seating plane)
Average Forward Current, IF
50 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
70 mW
Collector Current, IC
50 mA
Collector-Emitter Voltage, VCEO
80 V
Emitter-Collector Voltage, VECO
6 V
Collector Power Dissipation
150 mW
Total Power Dissipation
170 mW
Isolation Voltage, Viso
3750 Vrms
(AC for 1 minute, R.H. = 40 ~ 60%)
* CTR =
x 100%
IC
IF
Rank Mark
CTR (%)
Conditions
A
80 ~ 160
IF = 5 mA,
B
130 ~ 260
C
200 ~ 400
D
300 ~ 600
VCE = 5 V, TA = 25˚C


Similar Part No. - HCPL-181

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

Similar Description - HCPL-181

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com