Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX2N5038 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTX2N5038
Description  NPN HIGH POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX2N5038 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTX2N5038 Datasheet HTML 1Page - Microsemi Corporation JANTX2N5038 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5038, 2N5039, JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 0.5 Adc, VCE = 5.0 Vdc
2N5038
2N5039
IC = 2.0 Adc, VCE = 5.0 Vdc
2N5038
2N5039
IC = 12 Adc, VCE = 5.0 Vdc
2N5038
IC = 10 Adc, VCE = 5.0 Vdc
2N5039
hFE
50
30
50
30
15
15
200
150
Collector-Emitter Saturation Voltage
IC = 12 Adc, IB = 1.2 Adc
2N5038
IC = 10 Adc, IB = 1.0 Adc
2N5039
IC = 20 Adc, IB = 5.0 Adc
Both
VCE(sat)
1.0
1.0
2.5
Vdc
Base-Emitter Saturation Voltage
IC = 20 Adc, IB = 5.0 Adc
VBE(sat)
3.3
Vdc
Base-Emitter Voltage
IC = 12 Adc, VCE = 5.0 Vdc
2N5038
IC = 10 Adc, VCE = 5.0 Vdc
2N5039
VBE
1.8
1.8
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 2.0 Adc, VCE = 10 Vdc, f = 5.0 MHz
h
FE
12
48
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
500
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 ± 2 Vdc; IC = 12 Adc; IB1= 1.2 Adc
2N5038
VCC = 30 ± 2 Vdc; IC = 10 Adc; IB1= 1.0 Adc
2N5039
ton
0.5
µs
Turn-Off Time
VCC = 30 ± 2 Vdc; IC = 12 Adc; IB1 = -IB2 = 1.2 Adc
2N5038
VCC = 30 ± 2 Vdc; IC = 10 Adc; IB1 = -IB2 = 1.0 Adc
2N5039
toff
2.0
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 28 Vdc, IC = 5.0 Adc
Test 2
VCE = 45 Vdc, IC = 0.9 Adc
Test 3
VCE = 7.0 Vdc, IC = 20 Adc
Test 4
VCE = 90 Vdc, IC = 0.23 Adc
2N5038
Test 4
VCE = 75 Vdc, IC = 0.32 Adc
2N5039
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - JANTX2N5038

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX2N5114 MICROSEMI-JANTX2N5114 Datasheet
56Kb / 2P
   P-CHANNEL J-FET
logo
Solitron Devices Inc.
JANTX2N5114 SOLITRON-JANTX2N5114 Datasheet
176Kb / 2P
   P-CHANNEL JFETS - 1
logo
Microsemi Corporation
JANTX2N5115 MICROSEMI-JANTX2N5115 Datasheet
56Kb / 2P
   P-CHANNEL J-FET
logo
Solitron Devices Inc.
JANTX2N5115 SOLITRON-JANTX2N5115 Datasheet
176Kb / 2P
   P-CHANNEL JFETS - 1
logo
Microsemi Corporation
JANTX2N5116 MICROSEMI-JANTX2N5116 Datasheet
56Kb / 2P
   P-CHANNEL J-FET
More results

Similar Description - JANTX2N5038

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
   HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
   HIGH POWER NPN SILICON TRANSISTOR
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
   HIGH-POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
   NPN High Power Silicon Transistor
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
   Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
BUT70 STMICROELECTRONICS-BUT70 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 STMICROELECTRONICS-BUX10 Datasheet
63Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com