Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-T250 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-T250
Description  1.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-T250 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-T250 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Regulatory Information
The HCPL-T250 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01.
(Option 060 only)
Insulation and Safety Related
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
L(101)
7.1
mm
Measured from input terminals to
(Clearance)
output terminals, shortest distance through
air.
Minimum External Tracking
L(102)
7.4
mm
Measured from input terminals to
(Creepage)
output terminals, shortest distance path
along body.
Minimum Internal Plastic Gap
0.08
mm
Insulation thickness between emitter
(Internal Clearance)
and detector; also known as distance
through insulation
Tracking Resistance
CTI
≥ 175 Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Absolute Maximum Ratings (Compared with HCPL-3120)
HCPL-3120
HCPL-T250
Parameter
Symbol
Units
Min.
Max.
Min.
Max.
Note
Operating Temperature
TA
°C
-40
100
-20
85
“High” Peak Output Current
IOH(PEAK)
A
2.5
1.5
1
“High” Peak Output Current
IOL(PEAK)
A
2.5
1.5
Storage Temperature
TS
°C
-55
125
-55
125
Average Input Current
IF(AVG)
mA
25
20
2
Peak Transient Input Current
IF(TRAN)
A
1.0
1.0
(<1
µs Pulse Width, 300 pps)
Reverse Input Voltage
VR
V5
5
Supply Voltage
(VCC - VEE)V
0
35
0
35
Output Voltage
VO
V0
VCC
0VCC
Output Power Dissipation
PO
mW
250
250
3
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Notes:
1. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. See HCPL-3120 Applications section for additional details on limiting
IOH(PEAK).
2. Derate linearly above 70
°C free-air temperature at a rate of 0.3 mA/°C.
3. Derate lineraly above 70
°C free-air temperature at a rate of 4.8 mW/°C.


Similar Part No. - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-000E AVAGO-HCPL-T250-000E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-060E AVAGO-HCPL-T250-060E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-300E AVAGO-HCPL-T250-300E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com