Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV400AB-45RTI Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29LV400AB-45RTI
Description  4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV400AB-45RTI Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29LV400AB-45RTI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29LV400AB-45RTI Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
This Data Sheet may be revised by subsequent versions
©2005 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN29LV400A
COMMAND DEFINITIONS
The operations of the EN29LV400A are selected by one or more commands written into the
command register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program,
Sector Erase, Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data
sequences written at specific addresses via the command register.
The sequences for the
specified operation are defined in the Command Definitions table (Table 5). Incorrect addresses,
incorrect data values or improper sequences will reset the device to Read Mode.
Table 5. EN29LV400A Command Definitions
Bus Cycles
1
st
Cycle
2
nd
Cycle
3
rd
Cycle
4
th
Cycle
5
th
Cycle
6
th
Cycle
Command
Sequence
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
RA
RD
Reset
1
xxx
F0
Word
555
2AA
555
100
1C
Manufacturer
ID
Byte
4
AAA
AA
555
55
AAA
90
200
1C
Word
555
2AA
555
X01
22B9
Device ID
Top Boot
Byte
4
AAA
AA
555
55
AAA
90
X02
B9
Word
555
2AA
555
X01
22BA
Device ID
Bottom Boot
Byte
4
AAA
AA
555
55
AAA
90
X02
BA
XX00
Word
555
2AA
555
(SA)
X02
XX01
00
Sector Protect
Verify
Byte
4
AAA
AA
555
55
AAA
90
(SA)
X04
01
Word
555
2AA
555
Program
Byte
4
AAA
AA
555
55
AAA
A0
PA
PD
Word
555
2AA
555
Unlock Bypass
Byte
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program
2
XXX
A0
PA
PD
Unlock Bypass Reset
2
XXX
90
XXX
00
Word
555
2AA
555
555
2AA
555
Chip Erase
Byte
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Word
555
2AA
555
555
2AA
Sector Erase
Byte
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Erase Suspend
1
xxx
B0
Erase Resume
1
xxx
30
Address and Data values indicated in hex
RA = Read Address: address of the memory location to be read. This is a read cycle.
RD = Read Data: data read from location RA during Read operation. This is a read cycle.
PA = Program Address: address of the memory location to be programmed. X = Don’t-Care
PD = Program Data: data to be programmed at location PA
SA = Sector Address: address of the Sector to be erased or verified. Address bits A17-A12 uniquely select any Sector.
Reading Array Data
The device is automatically set to reading array data after power up. No commands are required to
retrieve data. The device is also ready to read array data after completing an Embedded Program
or Embedded Erase algorithm.
Following an Erase Suspend command, Erase Suspend mode is entered. The system can read
array data using the standard read timings, with the only difference in that if it reads at an address
within erase suspended sectors, the device outputs status data. After completing a programming
Rev. A, Issue Date: 2005/01/07


Similar Part No. - EN29LV400AB-45RTI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400AB45RBCP EON-EN29LV400AB45RBCP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AB45RBIP EON-EN29LV400AB45RBIP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AB45RNCP EON-EN29LV400AB45RNCP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AB45RNIP EON-EN29LV400AB45RNIP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AB45RTCP EON-EN29LV400AB45RTCP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV400AB-45RTI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com