Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7630 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7630
Description  Universal Speech Processor
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7630 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7630 Datasheet HTML 2Page - OKI electronic componets MSM7630 Datasheet HTML 3Page - OKI electronic componets MSM7630 Datasheet HTML 4Page - OKI electronic componets MSM7630 Datasheet HTML 5Page - OKI electronic componets MSM7630 Datasheet HTML 6Page - OKI electronic componets MSM7630 Datasheet HTML 7Page - OKI electronic componets MSM7630 Datasheet HTML 8Page - OKI electronic componets MSM7630 Datasheet HTML 9Page - OKI electronic componets MSM7630 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
MSM7630
¡ Semiconductor
6/95
AC Characteristics
Parameter
Symbol
Condition
Source Oscillation Period
tOSC
50
Unit
ns
25
Min.
Typ.
Max.
(VDD = 3.0 to 3.6 V, TOPE = –40 to +85°C)
Input Clock Low-Level
Minimum Width
tW_CLKL
—ns
13
Required RST Time
tW_RST
—tCYC
1024
A Delay Time
tA
22
ns
D Setup Time
tS_D
—ns
2
D Hold Time
tH_D
—ns
6
D Delay Time
tD
25
ns
RD Delay Time
tRD
20
ns
UPORT Delay Time
tUPORT
20
ns
EXINT Setup Time
tS_EXINT
—ns
2
WR Delay Time
tWR
Falling
22
ns
Input Clock High-Level
Minimum Width
tW_CLKH
—ns
8
Operating Period
tCYC
50
ns
25
CLKA Delay Time
tCLK
12
ns
XO Delay Time
tXO
7ns
Rising
22 + 0.5 tCYC
ns


Similar Part No. - MSM7630

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
   Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
   Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
   Echo Canceler
More results

Similar Description - MSM7630

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
logo
AUK corp
SL5022P AUK-SL5022P Datasheet
75Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
AUK corp
SL5021P AUK-SL5021P Datasheet
74Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com