Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV400AT-70TI Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29LV400AT-70TI
Description  4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV400AT-70TI Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29LV400AT-70TI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV400AT-70TI Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
This Data Sheet may be revised by subsequent versions
©2005 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN29LV400A
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically
enables this mode when addresses remain stable for tacc + 30ns. The automatic sleep mode is
independent of the CE#, WE# and OE# control signals. Standard address access timings provide
new data when addresses are changed. While in sleep mode, output is latched and always
available to the system. ICC4 in the DC Characteristics table represents the automatic sleep more
current specification.
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data
protection against inadvertent writes as seen in the Command Definitions table. Additionally, the
following hardware data protection measures prevent accidental erasure or programming, which
might otherwise be caused by false system level signals during Vcc power up and power down
transitions, or from system noise.
Low VCC Write Inhibit
When Vcc is less than VLKO, the device does not accept any write cycles. This protects data during
Vcc power up and power down. The command register and all internal program/erase circuits are
disabled, and the device resets. Subsequent writes are ignored until Vcc is greater than VLKO. The
system must provide the proper signals to the control pins to prevent unintentional writes when Vcc
is greater than VLKO.
Write Pulse “Glitch” protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH, or WE# = VIH. To initiate a
write cycle, CE# and WE# must be a logical zero while OE# is a logical one. If CE#, WE#, and OE#
are all logical zero (not recommended usage), it will be considered a read.
Power-up Write Inhibit
During power-up, the device automatically resets to READ mode and locks out write cycles. Even
with CE# = VIL, WE# = VIL and OE# = VIH, the device will not accept commands on the rising edge of
WE#.
Rev. A, Issue Date: 2005/01/07


Similar Part No. - EN29LV400AT-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400AT45RBCP EON-EN29LV400AT45RBCP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT45RBIP EON-EN29LV400AT45RBIP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT45RNCP EON-EN29LV400AT45RNCP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT45RNIP EON-EN29LV400AT45RNIP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400AT45RTCP EON-EN29LV400AT45RTCP Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV400AT-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com