Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7652 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7652
Description  NTSC/PAL Digital Video Encoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7652 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7652 Datasheet HTML 4Page - OKI electronic componets MSM7652 Datasheet HTML 5Page - OKI electronic componets MSM7652 Datasheet HTML 6Page - OKI electronic componets MSM7652 Datasheet HTML 7Page - OKI electronic componets MSM7652 Datasheet HTML 8Page - OKI electronic componets MSM7652 Datasheet HTML 9Page - OKI electronic componets MSM7652 Datasheet HTML 10Page - OKI electronic componets MSM7652 Datasheet HTML 11Page - OKI electronic componets MSM7652 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MSM7652
¡ Semiconductor
8
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
VOH
Condition
IOH = –4 mA (*1)
IOL = 4 mA (*1)
Typ.
Unit
"L" Level Output Voltage
VOL
IOL = 6 mA (*2)
—V
Min.
0.7VDD
Max.
0.4
"H" Level Output Voltage
V
Input Leak Current
II
VI = GND to DVDD
mA
–10
+10
Output Leak Current
IO
VI = GND to DVDD (*3)
mA
–10
+10
Power Supply Current (operating)
IDDO
120
mA
140
Power Supply Current (standby)
IDDS
RESET_L = "L"
60
mA
—65
I2 C-bus SDA Output Voltage
SDAVL
Low level, IOL = 3 mA
—V
0
0.4
I2C-bus SDA Output Current
SDAIO
During Acknowledge
—mA
3—
(Ta = 0 to 70°C, DVDD = 3.3 V ±0.3 V, AVDD = 3.3 V ±0.3 V)
Internal Reference Voltage
Vrefin
1.25
V
——
DA Output Load Resistance
RL
—75
W
Integral Linearity
SINL
±2
LSB
Differential Linearity
SDNL
±1
LSB
CLKX2 = 0 MHz
Power Supply Current (Sleep mode)
IDDSM
SEL2 = "H"
0.05
mA
0.03
0.5
(*1)
VSYNC_L, HSYNC_L, CD[7:0]
(*2)
CLKX1O
(*3)
SDA
AC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(Ta = 0 to 70°C, DVDD = 3.3 V ±0.3 V, AVDD = 3.3 V ±0.3 V)
CLKX2 Cycle Time
TS
36.4
ns
Input Data Setup Time
Input Data Hold Time
Output Delay Time
CLKX1O Delay Time
ts1
th1
td1
td2
7ns
5ns
525
ns
525
ns
I
2C-bus Clock Cycle Time
tC_SCL
ns
Rpull_up = 4.7 kW
I
2C-bus High Level Cycle
tH_SCL
—ns
I
2C-bus Low Level Cycle
tL_SCL
ns
Rpull_up = 4.7 kW
——
100
200
100
Rpull_up = 4.7 kW
——
——


Similar Part No. - MSM7652

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
   NTSC/PAL Digital Encoder
MSM7653 OKI-MSM7653 Datasheet
254Kb / 36P
   NTSC/PAL Digital Video Encoder
MSM7653GS-2K OKI-MSM7653GS-2K Datasheet
254Kb / 36P
   NTSC/PAL Digital Video Encoder
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
MSM7654GA OKI-MSM7654GA Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - MSM7652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com