Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C256AH-15TI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61C256AH-15TI
Description  32K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AH-15TI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61C256AH-15TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AH-15TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
SR020-1O
05/24/99
IS61C256AH
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10
-12
-15
-20
-25
Symbol
Parameter
Min.
Max
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
10
12
15
20
25
ns
tAA
Address Access Time
10
12
15
20
25
ns
tOHA
Output Hold Time
2
2
2
2
2
ns
tACE
CE Access Time
10
12
15
20
25
ns
tDOE
OE Access Time
5
5
7
8
9
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
0
0
ns
tHZOE(2)
OE to High-Z Output
5
6
7
9
10
ns
tLZCE(2)
CE to Low-Z Output
2
3
3
3
3
ns
tHZCE(2)
CE to High-Z Output
5
7
8
9
10
ns
tPU(3)
CE to Power-Up
0
0
0
0
0
ns
tPD(3)
CE to Power-Down
10
12
15
18
20
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of
0 to 3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured
±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
480
5 pF
Including
jig and
scope
255
OUTPUT
5V
480
30 pF
Including
jig and
scope
255
OUTPUT
5V


Similar Part No. - IS61C256AH-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL ISSI-IS61C256AL Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10J ISSI-IS61C256AL-10J Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10J ISSI-IS61C256AL-10J Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10JL ISSI-IS61C256AL-10JL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AH-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com