Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1352G-250AXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1352G-250AXC
Description  4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352G-250AXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1352G-250AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1352G-250AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY
CY7C1352G
Document #: 38-05514 Rev. *A
Page 2 of 13
Selection Guide
250 MHz
200 MHz
166 MHz
133 MHz
Unit
Maximum Access Time
2.6
2.8
3.5
4.0
ns
Maximum Operating Current
325
265
240
225
mA
Maximum CMOS Standby Current
40
40
40
40
mA
Shaded area contains advance information. Please contact your local Cypress sales representative for availability of these parts.
Pin Configuration
A
NC
NC
VDDQ
VSS
NC
DQPA
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQB
DQB
VSS
VDDQ
DQB
DQB
NC
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1352G
100-Pin TQFP
BYTE A
BYTE B


Similar Part No. - CY7C1352G-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G-250AXC CYPRESS-CY7C1352G-250AXC Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1352G-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com