Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1437ECQ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1437ECQ
Description  Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1437ECQ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1437ECQ Datasheet HTML 5Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 6Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 7Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 8Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 9Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 10Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 11Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 12Page - Maxim Integrated Products MAX1437ECQ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Octal, 12-Bit, 50Msps, 1.8V ADC
with Serial LVDS Outputs
_______________________________________________________________________________________
9
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
1024
3072
2048
512
2560
3584
1536
-0.2
0
-0.1
0.1
0.2
0.3
-0.3
0
4096
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.0
1.9
1.8
1.2480
1.2490
1.2500
1.2510
1.2470
1.7
2.1
AVDD = OVDD
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.23
1.24
1.25
1.26
1.22
-40
85
AVDD = OVDD
INTERNAL REFERENCE VOLTAGE
vs. REFERENCE LOAD CURRENT
IREFIO (
µA)
-250
-150
50
250
150
-50
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.00
-350
350
CMOUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.0
1.9
1.8
0.764
0.762
0.766
0.768
0.770
0.760
1.7
2.1
AVDD = OVDD
CMOUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.764
0.766
0.768
0.770
0.760
0.762
-40
85
AVDD = OVDD
CMOUT VOLTAGE
vs. LOAD CURRENT
ICMOUT (
µA)
1500
1000
500
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2000
Typical Operating Characteristics (continued)
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 3.3V, GND = 0, internal reference, differential input at -0.5dBFS, fIN = 5.3MHz, fCLK = 50MHz
(50% duty cycle), VDT = 0, CLOAD = 10pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1437ECQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437ECQ+D MAXIM-MAX1437ECQ+D Datasheet
1Mb / 23P
   Low-Voltage and Low-Power Operation
Rev 1; 8/10
MAX1437ECQ+D MAXIM-MAX1437ECQ+D Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
More results

Similar Description - MAX1437ECQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com