Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128BLL-70SXE Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62128BLL-70SXE
Description  128K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BLL-70SXE Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62128BLL-70SXE Datasheet HTML 3Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 4Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 5Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 6Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 7Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 8Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 9Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 10Page - Cypress Semiconductor CY62128BLL-70SXE Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY62128B
MoBL
Document #: 38-05300 Rev. *C
Page 8 of 11
Truth Table
CE1
CE2
OE
WE
I/O0–I/O7
Mode
Power
H
X
X
X
High Z
Power-down
Standby (ISB)
X
L
X
X
High Z
Power-down
Standby (ISB)
LH
L
H
Data Out
Read
Active (ICC)
L
H
X
L
Data In
Write
Active (ICC)
L
H
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed (ns)
Ordering Code
Package Name
Package Type
Operating Range
55
CY62128BLL-55SI
S34
32-Lead 450-Mil SOIC
Industrial
CY62128BLL-55SXI
S34
32-Lead 450-Mil SOIC (Pb-free)
Industrial
CY62128BLL-55SC
S34
32-Lead 450-Mil SOIC
Commercial
CY62128BLL-55SXC
S34
32-Lead 450-Mil SOIC (Pb-free)
Commercial
CY62128BLL-55ZI
Z32
32-Lead TSOP Type I
Industrial
CY62128BLL-55ZXI
Z32
32-Lead TSOP Type I (Pb-free)
Industrial
CY62128BLL-55ZAI
ZA32
32-Lead STSOP Type I
Industrial
CY62128BLL-55ZAXI
ZA32
32-Lead STSOP Type I (Pb-free)
Industrial
CY62128BLL-55ZRI
ZR32
32-Lead Reverse TSOP Type I
Industrial
70
CY62128BLL-70SI
S34
32-Lead 450-Mil SOIC I
Industrial
CY62128BLL-70SXI
S34
32-Lead 450-Mil SOIC I (Pb-free)
Industrial
CY62128BLL-70SC
S34
32-Lead 450-Mil SOIC I
Commercial
CY62128BLL-70SXC
S34
32-Lead 450-Mil SOIC I (Pb-free)
Commercial
CY62128BLL-70SE
S34
32-Lead 450-Mil SOIC I
Automotive
CY62128BLL-70SXE
S34
32-Lead 450-Mil SOIC I (Pb-free)
Automotive
CY62128BLL-70ZI
Z32
32-Lead TSOP Type I
Industrial
CY62128BLL-70ZXI
Z32
32-Lead TSOP Type I (Pb-free)
Industrial
CY62128BLL-70ZC
Z32
32-Lead TSOP Type I
Commercial
CY62128BLL-70ZXC
Z32
32-Lead TSOP Type I (Pb-free)
Commercial
CY62128BLL-70ZE
Z32
32-Lead TSOP Type I
Automotive
CY62128BLL-70ZXE
Z32
32-Lead TSOP Type I (Pb-free)
Automotive
CY62128BLL-70ZAI
ZA32
32-Lead STSOP Type I
Industrial
CY62128BLL-70ZAXI
ZA32
32-Lead STSOP Type I (Pb-free)
Industrial
CY62128BLL-70ZAE
ZA32
32-Lead STSOP Type I
Automotive
CY62128BLL-70ZAXE
ZA32
32-Lead STSOP Type I (Pb-free)
Automotive
CY62128BLL-70ZRXE
ZR32
32-Lead Reverse TSOP Type I (Pb-free)
Automotive


Similar Part No. - CY62128BLL-70SXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SI CYPRESS-CY62128BNLL-55SI Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BLL-70SXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com