Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1438 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1438
Description  Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1438 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1438 Datasheet HTML 1Page - Maxim Integrated Products MAX1438 Datasheet HTML 2Page - Maxim Integrated Products MAX1438 Datasheet HTML 3Page - Maxim Integrated Products MAX1438 Datasheet HTML 4Page - Maxim Integrated Products MAX1438 Datasheet HTML 5Page - Maxim Integrated Products MAX1438 Datasheet HTML 6Page - Maxim Integrated Products MAX1438 Datasheet HTML 7Page - Maxim Integrated Products MAX1438 Datasheet HTML 8Page - Maxim Integrated Products MAX1438 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Octal, 12-Bit, 50Msps, 1.8V ADC
with Serial LVDS Outputs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 3.3V, GND = 0, external VREFIO = 1.24V, CREFIO to GND = 0.1µF, CREFP to GND = 10µF,
CREFN to GND = 10µF, fCLK = 50MHz (50% duty cycle), VDT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (Note 6)
Data Valid to CLKOUT Rise/Fall
tOD
Figure 5 (Note 7)
(tSAMPLE /
24)
- 0.15
(tSAMPLE /
24)
+ 0.15
ns
CLKOUT Output-Width High
tCH
Figure 5
tSAMPLE /
12
ns
CLKOUT Output-Width Low
tCL
Figure 5
tSAMPLE /
12
ns
FRAME Rise to CLKOUT Rise
tCF
Figure 4 (Note 7)
(tSAMPLE /
24)
- 0.15
(tSAMPLE /
24)
+ 0.15
ns
Sample CLK Rise to FRAME Rise
tSF
Figure 4 (Note 7)
(tSAMPLE /
2)
+ 1.1
(tSAMPLE /
2)
+ 2.6
ns
Crosstalk
(Note 2)
-95
dB
Gain Matching
CGM
fIN = 5.3MHz (Note 2)
±0.1
dB
Phase Matching
CPM
fIN = 5.3MHz (Note 2)
±0.25
Degrees
Note 1: Specifications at TA
≥ +25°C are guaranteed by production testing. Specifications at TA < +25°C are guaranteed by design
and characterization and not subject to production testing.
Note 2: See definition in the Parameter Definition section at the end of this data sheet.
Note 3: See the Common-Mode Output (CMOUT) section.
Note 4: Connect REFADJ to GND directly to enable internal reference mode. Connect REFADJ to AVDD directly to disable the internal
bandgap reference and enable external reference mode.
Note 5: Measured using CREFP to GND = 1µF and CREFN to GND = 1µF. tENABLE time may be lowered by using smaller capacitor values.
Note 6: Data valid to CLKOUT rise/fall timing is measured from 50% of data output level to 50% of clock output level.
Note 7: Guaranteed by design and characterization. Not subject to production testing.
Typical Operating Characteristics
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 3.3V, GND = 0, internal reference, differential input at -0.5dBFS, fIN = 5.3MHz, fCLK = 50MHz
(50% duty cycle), VDT = 0, CLOAD = 10pF, TA = +25°C, unless otherwise noted.)
FFT PLOT
(16,384-POINT DATA RECORD)
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-70
-60
-80
-100
-90
-110
510
15
020
25
HD2
HD3
fCLK = 50.1523789MHz
fIN = 5.304814MHz
AIN = -0.5dBFS
SNR = 69.959dB
SINAD = 69.950dB
THD = -96.635dBc
SFDR = 96.503dBc
FFT PLOT
(16,384-POINT DATA RECORD)
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-70
-60
-80
-100
-90
-110
fCLK = 50.1523789MHz
fIN = 24.0997118MHz
AIN = -0.5dBFS
SNR = 69.707dB
SINAD = 69.672dB
THD = -90.672dBc
SFDR = 93.694dBc
510
15
020
25
HD2
HD3
CROSSTALK
(16,384-POINT DATA RECORD)
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-70
-60
-80
-100
-110
-90
MEASURED ON CHANNEL 1,
WITH INTERFERING SIGNAL
ON CHANNEL 2
fIN(IN1) = 5.304814MHz
fIN(IN2) = 24.0997118MHz
CROSSTALK = 103dB
510
15
020
25
fIN(IN2)


Similar Part No. - MAX1438

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1438 MAXIM-MAX1438 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438 MAXIM-MAX1438 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438 MAXIM-MAX1438 Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
More results

Similar Description - MAX1438

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX19527 MAXIM-MAX19527 Datasheet
2Mb / 30P
   Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 6/10
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com