Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128BLL-70ZXE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62128BLL-70ZXE
Description  128K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BLL-70ZXE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62128BLL-70ZXE Datasheet HTML 1Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 2Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 3Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 4Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 5Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 6Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 7Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 8Page - Cypress Semiconductor CY62128BLL-70ZXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY62128B
MoBL
Document #: 38-05300 Rev. *C
Page 3 of 11
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage on VCC to Relative GND[3] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3].................................–0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)[4]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C5V ± 10%
Automotive
–40
°C to +125°C5V ± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62128B-55
CY62128B-70
Unit
Min. Typ.[2] Max. Min. Typ.[2] Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+
0.3
2.2
VCC+
0.3
V
VIL
Input LOW Voltage[3]
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
GND
≤ VI ≤ VCC
–1
+1
–1
+1
µA
Automotive
–10
+10
µA
IOZ
Output Leakage
Current
GND
≤ VI ≤ VCC,
Output Disabled
–1
+1
–1
+1
µA
Automotive
–10
+10
µA
IOS
Output Short Circuit
Current[5]
VCC = Max., VOUT = GND
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Industrial,
Commercial
7.5
20
6
15
mA
Automotive
625
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC,
CE1 ≥ VIH
or CE2 < VIL,
VIN ≥ VIH or
VIN ≤ VIL, f = fMAX
Industrial
Commercial
0.1
20.1
1
mA
Automotive
0.1
2
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE1 ≥ VCC – 0.3V,
or CE2 ≤ 0.3V,
VIN ≥ VCC – 0.3V,
or VIN ≤ 0.3V, f = 0
Industrial
Commercial
2.5
15
2.5
15
µA
Automotive
2.5
25
µA
Thermal Resistance[6]
Parameter
Description
Test Conditions
32 SOIC 32 TSOP 32 STSOP 32 RTSOP
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test
methods and procedures for
measuring thermal impedance, per
EIA / JESD51.
66.17
97.44
105.14
97.44
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
30.87
26.05
14.09
26.05
°C/W
Note:
3. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
4. TA is the “Instant On” case temperature.
5. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
6. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62128BLL-70ZXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SI CYPRESS-CY62128BNLL-55SI Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BLL-70ZXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com