Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U313 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-U313
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-U313 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-U313 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-U313 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings
AlGaAs Red
HER/Orange
Yellow
Green
HDSP-
HDSP-
HDSP-
HDSP-
U1xx
U2xx/-4xx
U3xx
U5xx
Description
Series
Series
Series
Series
Units
Average Power per Segment or DP
37
105
80
105
mW
Peak Forward Current per
45[1]
90[3]
60[5]
90[7]
mA
Segment or DP
DC Forward Current per Segment
15[2]
30[4]
20[6]
30[8]
mA
or DP
Operating Temperature Range
–20 to +90
–25 to +90
°C
Storage Temperature Range
–30 to +90
°C
Reverse Voltage per Segment or DP
3.0
V
Wavesoldering Temperature for
250
°C
3 Seconds (1.60 mm [0.063 in.]
below body)
Notes:
1. See Figure 1 to establish pulsed conditions.
2. No derating over specified temperature range.
3. See Figure 5 to establish pulsed conditions.
4. Derate above 53
°C at 0.45 mA/°C (see Figure 8).
5. See Figure 6 to establish pulsed conditions.
6. Derate above 81
°C at 0.52 mA/°C (see Figure 8).
7. See Figure 7 to establish pulsed conditions.
8. Derate above 39
°C at 0.37 mA/°C (see Figure 8).
Electrical/Optical Characteristics at TA = 25
°C
AlGaAs Red
Device
Test
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
HDSP-
Luminous Intensity/Segment[1,2]
IV
315
600
µcd
IF = 1 mA
3600
IF = 5 mA
Forward Voltage/Segment or DP
VF
1.6
IF = 1 mA
1.7
V
IF = 5 mA
1.8
2.2
IF = 20 mA
Peak Wavelength
λPEAK
645
nm
Dominant Wavelength[3]
λd
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 µA
Temperature Coefficient of
∆VF/°C-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED
R
θJ-Pin
255
°C/W/
Junction-to-Pin
Seg
U1xx
(Digit Average)


Similar Part No. - HDSP-U313

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U313 AVAGO-HDSP-U313 Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U313 AVAGO-HDSP-U313 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U313 AVAGO-HDSP-U313 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U313-00000 HP-HDSP-U313-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U313-00036 HP-HDSP-U313-00036 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U313

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com