Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128BLL-70ZAXE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62128BLL-70ZAXE
Description  128K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BLL-70ZAXE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62128BLL-70ZAXE Datasheet HTML 1Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 2Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 3Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 4Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 5Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 6Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 7Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 8Page - Cypress Semiconductor CY62128BLL-70ZAXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62128B
MoBL
Document #: 38-05300 Rev. *C
Page 5 of 11
Switching Characteristics[7] Over the Operating Range
Parameter
Description
62128B-55
62128B-70
Unit
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
5
ns
tACE
CE1 LOW to Data Valid, CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
20
35
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[8, 9]
20
25
ns
tLZCE
CE1 LOW to Low Z, CE2 HIGH to Low Z[9]
55
ns
tHZCE
CE1 HIGH to High Z, CE2 LOW to High Z[8, 9]
20
25
ns
tPU
CE1 LOW to Power-up, CE2 HIGH to Power-up
0
0
ns
tPD
CE1 HIGH to Power-down, CE2 LOW to Power-down
55
70
ns
WRITE CYCLE[10]
tWC
Write Cycle Time
55
70
ns
tSCE
CE1 LOW to Write End, CE2 HIGH to Write End
45
60
ns
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
45
50
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z[9]
55
ns
tHZWE
WE LOW to High Z[8, 9]
20
25
ns
Switching Waveforms
Read Cycle No.1[12, 13]
Notes:
7. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 100-pF load capacitance.
8. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
10. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. CE1 and WE must be LOW and CE2 HIGH to initiate a write, and
the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
11. No input may exceed VCC + 0.5V.
12. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH.
13. WE is HIGH for read cycle.
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT


Similar Part No. - CY62128BLL-70ZAXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SI CYPRESS-CY62128BNLL-55SI Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BLL-70ZAXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com