Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C1665-40T Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41C1665-40T
Description  64K x16 bit Dynamic RAM with Fast Page Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C1665-40T Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41C1665-40T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C1665-40T Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IC41C1665
IC41LV1665
Integrated Circuit Solution Inc.
7
DR031-0A 10/17/2001
ELECTRICAL CHARACTERISTICS(1) (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH = –5 mA
2.4
V
VOL
Output Low Voltage Level
IOL = +4.2 mA
0.4
V
ICC1
Stand-by Current: TTL
RAS, LCAS, UCAS ≥ VIH
5V
2
mA
mA
ICC1
Stand-by Current: TTL
RAS, LCAS, UCAS ≥ VIH
3.3V
1
mA
mA
ICC2
Stand-by Current: CMOS
RAS, LCAS, UCAS ≥ VCC – 0.2V
5V
1
mA
ICC2
Stand-by Current: CMOS
RAS, LCAS, UCAS ≥ VCC – 0.2V
3.3V
0.5
mA
ICC3
Operating Current:
RAS, LCAS, UCAS,
-25
170
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-30
150
Average Power Supply Current
-35
130
-40
120
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-25
170
mA
Fast Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-30
150
Average Power Supply Current
-35
130
-40
120
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS ≥ VIH
-25
170
mA
RAS-Only(2,3)
tRC = tRC (min.)
-30
150
Average Power Supply Current
-35
130
-40
120
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-25
170
mA
CBR(2,3,5)
tRC = tRC (min.)
-30
150
Average Power Supply Current
-35
130
-40
120
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper
device operation is assured.The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is
exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each fast page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41C1665-40T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25K ICSI-IC41C1664-25K Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25KI ICSI-IC41C1664-25KI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25T ICSI-IC41C1664-25T Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25TI ICSI-IC41C1664-25TI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C1665-40T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com