Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7704-02 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7704-02
Description  2ch Single Rail CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7704-02 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7704-02 Datasheet HTML 3Page - OKI electronic componets MSM7704-02 Datasheet HTML 4Page - OKI electronic componets MSM7704-02 Datasheet HTML 5Page - OKI electronic componets MSM7704-02 Datasheet HTML 6Page - OKI electronic componets MSM7704-02 Datasheet HTML 7Page - OKI electronic componets MSM7704-02 Datasheet HTML 8Page - OKI electronic componets MSM7704-02 Datasheet HTML 9Page - OKI electronic componets MSM7704-02 Datasheet HTML 10Page - OKI electronic componets MSM7704-02 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
¡ Semiconductor
MSM7704-01/02/03
7/17
DOUT2
PCM signal output for channel 2 when the parallel mode is selected.
The PCM output signal is output from MSD in a sequential order, at the rising edge of the BCLK
signal.
MSD may be output at the rising edge of the XSYNC signal, based on the timing between BCLK
and XSYNC.
This pin is in a high impedance state except during 8-bit PCM output. It is also in a high
impedance state during power-saving state or power-down state.
When the serial mode is selected, this pin is left open.
A pull-up resistor must be connected to this pin because it is an open drain output.
This device is compatible with the ITU-T recommendation on coding law and output coding
format.
The MSM7704-03 (A-law) outputs the character signal inverting the even bits.
CHPS
Control signal input for the mode selection of PCM input and output.
When this signal is at a logic "1" level, the PCM input and output are in the parallel mode. The
PCM data of CH1 and CH2 is input to DIN1 and DIN2 and output from DOUT1 and DOUT2 with
the same timing.
When this signal is at a logic "0" level, the PCM input and output are in the serial mode. The PCM
data of CH1 and CH2 is input to DIN2 and output from DOUT1 as time division multiplexed
data.
The parallel mode is conveniently applied to the digital interface to the echo canceller device, and
the serial mode is applied to the digital interface to PCM multiplexer's for PABXs.
PDN
Power down control signal.
When PDN is at a logic "0" level, both transmit and receive circuits are in power down state.
AG
Analog signal ground.
DG
Ground for the digital signal circuits.
This ground is separate from the analog signal ground. The DG pin must be connected to the AG
pin on the printed circuit board to make a common analog ground.


Similar Part No. - MSM7704-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
More results

Similar Description - MSM7704-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
logo
OKI electronic componet...
MSM7533H OKI-MSM7533H Datasheet
140Kb / 18P
   2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com