Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV256-12JI Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC61LV256-12JI
Description  32K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV256-12JI Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

  IC61LV256-12JI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV256-12JI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IC61LV256
Integrated Circuit Solution Inc.
9
AHSR027-0B
11/28/2003
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IC61LV256-8T
8*13.4mm TSOP-1
IC61LV256-8J
300mil SOJ
10
IC61LV256-10T
8*13.4mm TSOP-1
IC61LV256-10J
300mil SOJ
12
IC61LV256-12T
8*13.4mm TSOP-1
IC61LV256-12J
300mil SOJ
15
IC61LV256-15T
8*13.4mm TSOP-1
IC61LV256-15J
300mil SOJ
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IC61LV256-8TI
8*13.4mm TSOP-1
IC61LV256-8JI
300mil SOJ
10
IC61LV256-10TI
8*13.4mm TSOP-1
IC61LV256-10JI
300mil SOJ
12
IC61LV256-12TI
8*13.4mm TSOP-1
IC61LV256-12JI
300mil SOJ
15
IC61LV256-15TI
8*13.4mm TSOP-1
IC61LV256-15JI
300mil SOJ
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw
ORDERING INFORMATION (Pb-free)
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IC61LV256-8TG
8*13.4mm TSOP-1
IC61LV256-8JG
300mil SOJ
10
IC61LV256-10TG
8*13.4mm TSOP-1
IC61LV256-10JG
300mil SOJ
12
IC61LV256-12TG
8*13.4mm TSOP-1
IC61LV256-12JG
300mil SOJ
15
IC61LV256-15TG
8*13.4mm TSOP-1
IC61LV256-15JG
300mil SOJ
ORDERING INFORMATION (Pb-free)
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IC61LV256-8TIG
8*13.4mm TSOP-1
IC61LV256-8JIG
300mil SOJ
10
IC61LV256-10TIG
8*13.4mm TSOP-1
IC61LV256-10JIG
300mil SOJ
12
IC61LV256-12TIG
8*13.4mm TSOP-1
IC61LV256-12JIG
300mil SOJ
15
IC61LV256-15TIG
8*13.4mm TSOP-1
IC61LV256-15JIG
300mil SOJ


Similar Part No. - IC61LV256-12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10B ICSI-IC61LV25616-10B Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10BI ICSI-IC61LV25616-10BI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10K ICSI-IC61LV25616-10K Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10KI ICSI-IC61LV25616-10KI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IC61LV256-12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC62LV256 ICSI-IC62LV256 Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com