Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7704-03 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7704-03
Description  2ch Single Rail CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7704-03 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7704-03 Datasheet HTML 1Page - OKI electronic componets MSM7704-03 Datasheet HTML 2Page - OKI electronic componets MSM7704-03 Datasheet HTML 3Page - OKI electronic componets MSM7704-03 Datasheet HTML 4Page - OKI electronic componets MSM7704-03 Datasheet HTML 5Page - OKI electronic componets MSM7704-03 Datasheet HTML 6Page - OKI electronic componets MSM7704-03 Datasheet HTML 7Page - OKI electronic componets MSM7704-03 Datasheet HTML 8Page - OKI electronic componets MSM7704-03 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
MSM7704-01/02/03
1/17
¡ Semiconductor
MSM7704-01/02/03
2ch Single Rail CODEC
GENERAL DESCRIPTION
The MSM7704-01/7704-02/7704-03 are two-channel CODEC CMOS ICs for voice signals ranging
from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices
contain two-channel AD/DA converters in a single chip and achieve a reduced footprint and a
reduced number of external components.
The MSM7704-01/7704-02/7704-03 are best suited for an analog interface to an echo canceller
DSP used in digital telephone terminals, digital PABXs, and hands free terminals.
FEATURES
• Single power supply: +2.7 V to +3.8 V
• Power consumption
Operating mode:
30 mW Typ.
50 mW Max.
Power-saving mode:
3 mW Typ.
6 mW Max.
Power-down mode:
0.03 mW Typ.
0.3 mW Max.
• ITU-T Companding law
MSM7704-01:
m/A-law pin-selectable
MSM7704-02:
m-law
MSM7704-03:
A-law
• Built-in PLL eliminates a master clock
• The PCM interface can be switched between 2 channel serial/parallel
• Transmission clock: 64/128/256/512/1024/2048 kHz
96/192/384/768/1536/1544/200 kHz
(During 2 channel serial mode, the 64 and 96 kHz clocks are disabled)
• Adjustable transmit gain
• Built-in reference voltage supply
• Analog output can directly drive a 1.2 kW load
• Package:
24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7704-01GS-K)
(Product name : MSM7704-02GS-K)
(Product name : MSM7704-03GS-K)
E2U0021-28-81
This version: Aug. 1998
Previous version: Nov. 1996


Similar Part No. - MSM7704-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
More results

Similar Description - MSM7704-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MSM7533V LAPIS-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
logo
OKI electronic componet...
MSM7533H OKI-MSM7533H Datasheet
140Kb / 18P
   2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7533V ETC2-MSM7533V Datasheet
1Mb / 20P
   2ch Single Rail CODEC
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com