Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA860 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA860
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA860 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA860 Datasheet HTML 3Page - Burr-Brown (TI) OPA860 Datasheet HTML 4Page - Burr-Brown (TI) OPA860 Datasheet HTML 5Page - Burr-Brown (TI) OPA860 Datasheet HTML 6Page - Burr-Brown (TI) OPA860 Datasheet HTML 7Page - Burr-Brown (TI) OPA860 Datasheet HTML 8Page - Burr-Brown (TI) OPA860 Datasheet HTML 9Page - Burr-Brown (TI) OPA860 Datasheet HTML 10Page - Burr-Brown (TI) OPA860 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V
1000
100
10
Frequency (Hz)
1M
10M
100M
1G
R
L = 50Ω
V
IN = 10mVPP
I
Q = 12.5mA (117mA/V)
I
Q = 11.2mA (102mA/V)
I
Q = 9mA (79mA/V)
I
Q = 7.5mA (51mA/V)
I
O U T
V
IN
50
50
150
120
90
60
30
0
Quiescent Current (mA)
6
7
8
9
10
11
12
13
I
OUT
V
IN
50
50
V
IN = 100mVPP
160
140
120
100
80
60
40
20
0
Input Voltage (mV)
−40
−30
−20
−10
0
10
20
30
40
I
Q = 12mA
I
Q = 11.2mA
I
Q = 9mA
I
Q = 7mA
Small signal around input voltage.
8
6
4
2
0
−2
−4
−6
−8
OTA Input Voltage (mV)
−70 −60 −50 −40 −30 −20 −10 0
10
20
30
40
50
60
70
I
Q = 12mA
I
Q = 11.2mA
I
Q = 9mA
I
Q = 7mA
I
OUT
V
IN
50
50
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
Time (10ns/div)
G = +5V/V
R
L = 500Ω
V
IN = 0.25VPP
f
IN = 20MHz
See Figure 48
3
2
1
0
−1
−2
−3
Time (10ns/div)
G = +5V/V
R
L = 500Ω
V
IN = 1VPP
f
IN = 20MHz
See Figure 48
OPA860
SBOS331 – JUNE 2005
At T
A = +25°C, IQ = 11.2mA, and RL = 500Ω, unless otherwise noted.
OTA Performance
OTA TRANSCONDUCTANCE vs FREQUENCY
OTA TRANSCONDUCTANCE vs QUIESCENT CURRENT
Figure 13.
Figure 14.
OTA TRANSCONDUCTANCE vs INPUT VOLTAGE
OTA TRANSFER CHARACTERISTICS
Figure 15.
Figure 16.
OTA SMALL-SIGNAL PULSE RESPONSE
OTA LARGE-SIGNAL PULSE RESPONSE
Figure 17.
Figure 18.
7


Similar Part No. - OPA860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA860ID TI1-OPA860ID Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA860IDG4 TI1-OPA860IDG4 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA860IDR TI1-OPA860IDR Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA860IDRG4 TI1-OPA860IDRG4 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results

Similar Description - OPA860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Texas Instruments
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com